Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR05M60BLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. SBR05M60BLP
Description  0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR05M60BLP Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBR05M60BLP
Document number: DS31771 Rev. 3 - 2
1 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR05M60BLP
SBR is a registered trademark of Diodes Incorporated.
0.5A SBR BRIDGE
SUPER BARRIER RECTIFIER
Product Summary
VRRM (V)
IO (A)
VF MAX (V)
IR MAX (mA)
60
0.5
0.49
0.10
Description and Applications
The SBR05M60BLP has four diodes in full bridge configuration
packaged in the low profile U-DFN3030-4 package. Offering low
forward voltage drop and excellent high temperature stability, this
device is ideal for use as Bridge Diodes where small footprint and low
profile is desired.
Features
Low Forward Voltage Drop (VF) and Low Reverse Leakage (IR)
Excellent High Temperature Stability
Patented Super Barrier Rectifier SBR
®
Technology
Low Profile Package with Excellent Thermal Dissipation
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: U-DFN3030-4
Case Material: Molded Plastic “Green” Molding Compound, UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– NiPdAu Over Copper Lead Frame, Solderable
per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.02 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
SBR05M60BLP-7
U-DFN3030-4
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
Code
C
D
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Pin Configuration
**Do Not Connect the DNC Pad**
2
1
3
4
5 6 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: D = 2016)
M = Month (ex: 9 = September)
DFN3030-4
N/C
e4
U-DFN3030-4


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn