Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBR05M60BLP Datasheet(PDF) 4 Page - Diodes Incorporated

Part No. SBR05M60BLP
Description  0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

SBR05M60BLP Datasheet(HTML) 4 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR05M60BLP
Document number: DS31771 Rev. 3 - 2
4 of 5
www.diodes.com
March 2016
© Diodes Incorporated
SBR05M60BLP
SBR is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-4
E
E3
D3
E2
D2
L
D
E1
D1
Side View
Bottom View
A1
A3
e
b
Z
H
M
I
K
A
J
U-DFN3030-4
Dim
Min
Max
Typ
Dim
Min
Max
Typ
A
0.57
0.63
0.60
E1
0.615 0.815 0.715
A1
0
0.05
0.02
E2
1.78
1.98
1.88
A3
-
-
0.15
E3
0.715 0.915 0.815
B
0.35
0.45
0.40
H
0.05
0.15
0.10
D
2.90
3.10
3.00
I
0.20
0.30
0.25
D1
1.075 1.275 1.175
J
0.185 0.285 0.235
D2
0.925 1.125 1.025
K
0.065 0.165 0.115
D3
1.075 1.275 1.175
L
0.30
0.60
0.45
E
2.90
3.10
3.00
M
0.05
0.15
0.10
e
-
-
1.30
Z
-
-
0.65
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
U-DFN3030-4
Dimensions
Value (in mm)
C
1.300
G1
0.100
G2
0.150
G3
0.830
G4
0.115
G5
0.135
G6
0.170
G7
0.500
G8
0.500
R
0.150
X
0.500
X1
1.375
X2
1.225
X3
1.175
Y
1.980
Y1
1.015
Y2
0.715
Y3
0.650
Y
X (4x)
C
Y3 (2x)
Y2
Y1
G1
G3
G4
R
G7
G8
X3
G5
X1
X2
G2
G6


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn