Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE7039 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7039
Description  Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7039 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Driver Supply Voltage
+VCC1
8
12
14
V
Pump–Up Supply Voltage
+VCC8
10
24
27
V
Deflection Output Current
NTE7039
I12p–p
up to 2.2
Ap–p
NTE7104
up to 1.8
Ap–p
Ramp Waveform Pulse Height
NTE7039
V6p–p
up to +B1/3
Vp–p
NTE7104
up to –1.01
Vp–p
Electrical Characteristics: (TA = +25°C, +VCC1 = 12V, +VCC8 = 24V unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Driver Supply Current
ICC1
5.6
6.7
7.8
mA
Trigger Input Threshold Voltage
V2
2.6
2.9
3.2
V
Vertical Amplitude Control Pin Voltage
V4
5.9
6.1
6.3
V
Ramp Waveform Generator Start Voltage
VRAMP
4.6
4.9
5.2
V
Pump–Up Charge Saturation Voltage
VS9–11
I9 = 20mA
1.8
V
Pump–Up Discharge Saturation Voltage
NTE7039
VS8–9
I = 1.1A
3.2
V
NTE7104
I = 0.9A
3.0
V
Deflection Output Saturation Voltage (Lower)
NTE7039
VS12–11
I = 1.1A
1.5
V
NTE7104
I = 0.9A
1.2
V
Deflection Output Saturation Voltage (Upper)
NTE7039
VS13–12
I = 1.1A
3.5
V
NTE7104
I = 0.9A
3.2
V
Idling Current
IDL
35
65
mA
Voltage Gain
59
dB
Pin Connection Diagram
+VCC8
+VCC1
Vertical Trigger Input
Time Constant
Vertical Output
OSC Stop
Power Supply for
Vertical Size Control
Vertical Output
Pump–Up Output
Vertical Amp Control
GND
13
12
11
10
9
8
7
Ramp Generator
6
5
4
3
2
1
AC/DC Feedback
Vertical Output
(Front View)


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn