Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE7039 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7039
Description  Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7039 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7039 & NTE7104
Integrated Circuit
Vertical Deflection Output Circuit
w/Drive Circuit for CRT Display
Description:
The NTE7039 and NTE7104 are vertical deflection output ICs developed for use in high–grade TVs
and displays. The interlace and crossover distortion responses, in particular, have been greatly im-
proved, allowing excellent picture quality on large size television screens and high precision interlace
mode displays.
Also, pulse signals can be used for input signals due to the on–chip sawtooth wave generating circuit
and driver circuit. Further, the DC and AC feedback circuits can be formed with these ICs alone, sim-
plyfing pattern design of sets and ensuring stable performance.
The NTE7104 has a maximum deflection current of 1.8Ap–p, making it appropriate for use in portable
to mid–size televisions while the NTE7039 has a minimum deflection current of 2.2Ap–p, so it can be
used for larger size sets, and can drive television screen sizes from 33 to 37 inches.
Features:
D Low Power Dissipation due to On–Chip Pump–Up Circuit
D On–Chip 50/60Hz Vertical Size Control Circuit
D On–Chip Sawtooth Wave Generating Circuit
D On–Chip Drive Circuit
D Vertical Output Circuit
D On–Chip Thermal Protection Circuit
D Excellent Interlace Response
D Excellent Crossover Response
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Driver Supply Voltage, +VCC1 max
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pump–Up Supply Voltage, +VCC8 max
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Supply Voltage, +VCC13 max
62V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, IDEF
–1.5 to +1.5AP–O
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJ–C
4
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (With Infinite Heat Sink), PD max
8W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn