Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1501 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1501
Description  Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1501 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX1501 intelligent, constant-current, constant-
voltage (CCCV), temperature-regulated battery charger
charges a single lithium-ion (Li+) cell or three-cell
NiMH/NiCd batteries. The device integrates the current-
sense resistor, PMOS pass element, and thermal-
regulation circuitry, while eliminating the reverse-
blocking Schottky diode to create the simplest charging
solution for hand-held equipment.
The MAX1501 functions as a stand-alone charger to
control the charging sequence from the prequalification
state through fast charge, top-off, and charge termination
for single-cell Li+ or three-cell NiMH/NiCd batteries.
Alternatively, the MAX1501 collaborates with a host
microprocessor to determine the best charging algorithm.
Proprietary thermal-regulation circuitry limits the die
temperature when fast charging or while exposed to high
ambient temperatures, allowing maximum charging
current without damaging the charger. The MAX1501
continually supplies a regulated output voltage under
no-battery conditions, allowing battery changing.
The device achieves high flexibility by providing an
adjustable fast-charge current, top-off current, safety
timer, and thermal-regulation setpoint. Other features
include input power detection (
ACOK) and input under-/
overvoltage protection. The MAX1501 provides active-
low control inputs.
The MAX1501 accepts a 4.5V to 13V supply, but
disables charging when the input voltage exceeds
6.5V, preventing excessive power dissipation. The
MAX1501 operates over the extended temperature
range (-40°C to +85°C) and is available in a compact
16-pin thermally enhanced 5mm x 5mm thin QFN
package with 0.8mm profile.
Applications
Cellular and Cordless Phones
PDAs
Digital Cameras and MP3 Players
USB Appliances
Charging Cradles and Docks
Bluetooth™ Equipment
Features
o Stand-Alone or Microprocessor-Controlled (µP)
Linear 1-Cell Li+ or 3-Cell NiMH/NiCd Battery
Charger
o No FET, Reverse-Blocking Diode, or Current-
Sense Resistor Required
o 1.4A (max) Programmable Fast-Charge Current
o +95°C, +115°C, and +135°C Proprietary
Programmable Die Temperature Regulation
Control
o 4.5V to 13V Input Voltage Range with Input
Overvoltage (OVLO) Protection Above 6.5V
o Programmable Top-Off Current Threshold: 10%,
20%, or 30% of the Fast-Charge Current
o Charge-Current Monitor for Fuel Gauging
o Programmable Safety Timer (3, 4.5, or 6 hours)
o Input Power Detection Output (ACOK) and Charge
Enable Input (
CHGEN)
o Automatic Recharge
o Digital Soft-Start Limits Inrush Current
o Charge Status Outputs for LEDs or µP Interface
Highly Integrated, Linear Battery Charger with
Thermal Regulation for Portable Applications
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2800; Rev 0; 4/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX1501ETE
-40°C to +85°C
16 Thin QFN
Pin Configuration appears at end of data sheet.
MAX1501
1
µF
INPUT
4.5V TO 13V
2.8k
IN
INP
TEMP
TMAX
SETI
GND
GLED
RLED
10
µF
4.2V 1-CELL Li+
RPULLUP
VLOGIC
(
≤ 5.5V)
BATT
FULLI
VL
SELV
MODE
CHGEN
ACOK
Typical Operating Circuit
Bluetooth is a trademark of Ericsson.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn