Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7038 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7038
Description  Integrated Circuit Module, 5 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7038 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Conditions:
Condition 1:
VB = 30V, Ripple = 10mVP–P
VIN (DC) 1 = 17V, IO1 = IO2 = IO3 = 0.5A, Input Ripple Voltage = 1.5VP–P
VIN (DC) 2 = 14V, IO4 = 0.3A, IO5 = 0.1A, Input Ripple Voltage = 1.5VP–P
Condition 2:
VB = 30V ±4V
VIN (DC) 1 = 17V, IO1 = IO2 = IO3 = 0.5A
VIN (DC) 2 = 14V, IO4 = 0.3A, IO5 = 0.1A
Condition 3:
VB = 30V
VIN (DC) 1 = 14.5V to 22V, IO1 = IO2 = IO3 = 0.5A
VIN (DC) 2 = 7.5V to 17V, IO4 = 0.3A, IO5 = 0.1A
Condition 4:
VB = 30V
VIN (DC) 1 = 17V, IO1 = IO2 = IO3 = 0 to1A
VIN (DC) 2 = 14V, IO4 = 0 to 0.5A, IO5 = 70mA to 200mA
Condition 5:
VB = 30V, IO1 = IO2 = IO3 = 1A, IO4 = 0.3A, IO5 = 0.1A
VO 5 (5.1V @ 1A)
VO 4 (5.1V @ 1A)
VIN (DC) 2
VO 3 (6V @ 1A)
VO 2 (12.2V @ 1A)
VIN (DC) 1
VO 1 (13V @ 1A)
VIN (DC) 1
Pin Connection Diagram
(Front View)
VB
Cutoff
N.C.
VB
N.C.
15
14
13
12
GND
Cutoff
11
10
9
8
7
6
5
4
3
2
1
1.230
(31.2)
1.110
(28.0)
.827
(21.0)
2.330 (59.2)
2.050 (52.0)
1.400 (35.6)
.100 (2.54)
.335 (8.5)
115
.158 (4.0)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn