Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7038 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7038
Description  Integrated Circuit Module, 5 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7038 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7038
Integrated Circuit
Module, 5 Output Positive Voltage
Regulator for VCR
Features:
D 5 Outputs
D Output Voltage Select Function
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum DC Input Voltage, VIN (DC) Max
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Average Output Current, IO Max
1.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Peak Output Current (0.2sec max)), IO Max
VO1, VO3
2.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO2
2.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO4, VO5
1.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC Max
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ Max
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
4.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
VO1
VO2
VO3
VO4
VO5
Unit
Output Voltage Setting
Condition 1
13.0
±0.2 12.2 ±0.2 6.0 ±0.2
5.1
±0.2
5.1
±0.2
V
Condition 1, Note 1
0.1
0.1
5.97
±0.2
0.1
0.1
V Max
Ripple Voltage
Condition 1
5
5
2
2
2
mVP–P Max
Temperature Coefficient
Condition 1
0.02
0.02
0.02
0.02
0.02
%/
°C Max
Line Regulation
Condition 2
12
12
20
15
15
mV/V Max
Condition 3
1
1
1
1
3
mV/V Max
Load Regulation
Condition 4
40
40
25
40
700
mV/A Max
Minimum Input–Output
Voltage Difference
Condition 5
1.2
2.0
1.2
1.8
1.8
V Max
Note 1. External setting available.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn