Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KFH1G16Q2M-DID Datasheet(PDF) 7 Page - Samsung semiconductor

Part # KFH1G16Q2M-DID
Description  FLASH MEMORY
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFH1G16Q2M-DID Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button KFH1G16Q2M-DID Datasheet HTML 3Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 4Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 5Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 6Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 7Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 8Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 9Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 10Page - Samsung semiconductor KFH1G16Q2M-DID Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 93 page
background image
OneNAND512/OneNAND1GDDP
FLASH MEMORY
7
2. GENERAL DESCRIPTION
OneNAND is a single-die chip with standard NOR Flash interface using NAND Flash Array. This device is comprised of logic and
NAND Flash Array and 5KB internal BufferRAM. 1KB BootRAM is used for reserving bootcode, and 4KB DataRAM is used for buff-
ering data. The operating clock frequency is up to 54MHz. This device is X16 interface with Host, and has the speed of ~76ns random
access time. Actually, it is accessible with minimum 4clock latency(host-driven clock for synchronous read), but this device adopts the
appropriate wait cycles by programmable read latency. OneNAND provides the multiple sector read operation by assigning the num-
ber of sectors to be read in the sector counter register. The device includes one block sized OTP(One Time Programmable), which
can be used to increase system security or to provide identification capabilities.


Similar Part No. - KFH1G16Q2M-DID

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KFH1G16Q2M-DID5 SAMSUNG-KFH1G16Q2M-DID5 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
KFH1G16Q2M-DID6 SAMSUNG-KFH1G16Q2M-DID6 Datasheet
1Mb / 125P
   FLASH MEMORY(54MHz)
More results

Similar Description - KFH1G16Q2M-DID

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com