Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3802EGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3802EGN
Description  Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3802EGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3802EGN Datasheet HTML 4Page - Linear Technology LTC3802EGN Datasheet HTML 5Page - Linear Technology LTC3802EGN Datasheet HTML 6Page - Linear Technology LTC3802EGN Datasheet HTML 7Page - Linear Technology LTC3802EGN Datasheet HTML 8Page - Linear Technology LTC3802EGN Datasheet HTML 9Page - Linear Technology LTC3802EGN Datasheet HTML 10Page - Linear Technology LTC3802EGN Datasheet HTML 11Page - Linear Technology LTC3802EGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3802
8
3802f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Temperature
Supply Current vs Supply Voltage
TEMPERATURE (
°C)
–50
–25
0.1
1
10
0
25
50
75
100
125
3802 G26
0.01
IVCC
IPVCC
(NO LOAD)
IVCC
SHUTDOWN
IBOOST1
IBOOST2
(NO LOAD)
VCC = VPVCC = VBOOST – VSW = 5V
SUPPLY VOLTAGE (V)
3
0.01
1
10
45
3.5
4.5
5.5
6
3802 G27
0.1
TA = 25°C
IVCC
IPVCC (NO LOAD)
IVCC SHUTDOWN
IBOOST1, IBOOST2
(NO LOAD)
PI FU CTIO S (28-Pin SSOP/32-Pin QFN Package)
PVCC (Pin 1/Pin 29): Driver Power Supply Input. PVCC
provides power to the two BG drivers and must be con-
nected to an external voltage high enough to fully turn on
the external MOSFETs, QB1 and QB2. PVCC requires at
least a 10
µF bypass capacitor directly to PGND.
BG1 (Pin 2/Pin 30): Channel 1 Controller Bottom Gate
Drive. The BG1 pin drives the gate of the bottom N-channel
synchronous switch MOSFET, QB1. BG1 is designed to
drive typically up to 10,000pF of gate capacitance.
BOOST1 (Pin 3/Pin 31): Channel 1 Controller Top Gate
Driver Supply. BOOST1 should be bootstrapped to SW1
with a 0.1
µF capacitor. An external Schottky diode from
PVCC to BOOST1 creates a complete floating charge-
pumped supply at BOOST1. No other external supplies are
required.
TG1 (Pin 4/Pin 32): Channel 1 Controller Top Gate Drive.
The TG1 pin drives the top N-channel MOSFET with a
voltage swing equal to PVCC superimposed on the switch
node voltage SW1. TG1 is designed to drive typically up to
6000pF of gate capacitance.
SW1 (Pin 5/Pin 1): Channel 1 Controller Switching Node.
Connect SW1 to the switching node of the channel 1
converter. When the bottom MOSFET QB1 turns on, the
current limit comparator and the burst comparator
monitor the voltage at SW1. If the voltage drop across
MOSFET QB1 is too large, the controller enters current
limit; if it is too small, the switcher enters Burst Mode
operation. See Current Limit and Burst Mode Applica-
tions Information.
PGND (Pin 6/Pins 2, 3, 23, 24): Power Ground. The BG
drivers return to this pin. Connect PGND to a high current
ground node in close proximity to the sources of external
MOSFETs QB1 and QB2 and the VIN, PVCC and VOUT
bypass capacitors.
IMAX1 (Pin 7/Pin 4): Channel 1 Controller Current Limit
Set. The IMAX1 pin has an internal 10µA current source
pull-up, allowing the current limit and burst comparator
threshold to be programmed by a single external resistor
to SGND. See Current Limit and Burst Mode Applications
Information.


Similar Part No. - LTC3802EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3802 LINER-LTC3802 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
More results

Similar Description - LTC3802EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3802 LINER-LTC3802_15 Datasheet
356Kb / 28P
   Dual 550kHz Synchronous 2-Phase DC/DC Controller with Programmable Up/Down Tracking
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
   Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3856 LINER-LTC3856 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3856 LINER-LTC3856_15 Datasheet
2Mb / 40P
   2-Phase Synchronous Step-Down DC/DC Controller with Diffamp
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3828 LINER-LTC3828 Datasheet
396Kb / 32P
   Dual 2-Phase Step-Down Controller with Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com