Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7034 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7034
Description  Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7034 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Conditions:
Condition 1: VB = 40V, Ripple = 6mVp–p
VIN (DC) 1 = 17V, IO1 = 0.5A, Input Ripple Voltage = 2Vp–p,
VIN (DC) 2 = 9V, IO2 = 0.5A, IO3 = 0.5A, Input Ripple Voltage = 2Vp–p
Condition 2: VB = 40V ±6V
VIN (DC) 1 = 17V, IO1 = 0.5A
VIN (DC) 2 = 9V, IO2 = 0.5A, IO3 = 0.5A
Condition 3: VB = 40V
VIN (DC) 1 = 14.5V to 22V, IO1 = 0.5A
VIN (DC) 2 = 6.5V to 12V, IO2 = 0.5A, IO3 = 0.5A
Condition 4: VB = 40V
VIN (DC) 1 = 17V, IO1 = 0 to 1A, IO3 = 0 to 1A
VIN (DC) 2 = 9V, IO2 = 0 to 1A
Condition 5: VB = 40V, IO1 = IO2 = IO3 = 1A
Pin Connection Diagram
(Front View)
VIN (DC) 1
VB
VO 1 (12V @ 1A)
VIN (DC) 1
VB
VO 2 (12V @ 1A)
VO 3 (5.1V @ 1A)
VIN (DC) 2
GND
N.C.
GND
N.C.
12
11
10
9
8
7
6
5
4
3
2
1
2.330 (59.2)
2.050 (52.0)
1.110 (27.94)
.628
(16.0)
1.003
(25.5)
.925
(23.5)
.100 (2.54)
.158 (4.0)
.335 (8.5)
112


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn