Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5109SD Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5109SD
Description  100V / 1A Peak Half Bridge Gate Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5109SD Datasheet(HTML) 9 Page - National Semiconductor (TI)

  LM5109SD Datasheet HTML 1Page - National Semiconductor (TI) LM5109SD Datasheet HTML 2Page - National Semiconductor (TI) LM5109SD Datasheet HTML 3Page - National Semiconductor (TI) LM5109SD Datasheet HTML 4Page - National Semiconductor (TI) LM5109SD Datasheet HTML 5Page - National Semiconductor (TI) LM5109SD Datasheet HTML 6Page - National Semiconductor (TI) LM5109SD Datasheet HTML 7Page - National Semiconductor (TI) LM5109SD Datasheet HTML 8Page - National Semiconductor (TI) LM5109SD Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Notes: Unless otherwise specified.
1.
For solder thickness and composition, see “Solder Information” in the packaging section of the National Semiconductor web
page (www.national.com).
2.
Maximum allowable metal burr on lead tips at the package edges is 76 microns.
3.
No JEDEC registration as of May 2003.
LLP-8 Outline Drawing
NS Package Number SDC08A
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves
the right at any time without notice to change said circuitry and specifications.
For the most current product information visit us at www.national.com.
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when
properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result
in a significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
BANNED SUBSTANCE COMPLIANCE
National Semiconductor manufactures products and uses packing materials that meet the provisions of the Customer Products
Stewardship Specification (CSP-9-111C2) and the Banned Substances and Materials of Interest Specification (CSP-9-111S2) and contain
no ‘‘Banned Substances’’ as defined in CSP-9-111S2.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com
Tel: 81-3-5639-7560
www.national.com


Similar Part No. - LM5109SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI-LM5109A Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109A TI1-LM5109A Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109AMA NSC-LM5109AMA Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
More results

Similar Description - LM5109SD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107MA TI-LM5107MA Datasheet
809Kb / 18P
[Old version datasheet]   LM5107 100V / 1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
LM5109AMA TI-LM5109AMA Datasheet
796Kb / 16P
[Old version datasheet]   LM5109A High Voltage 1A Peak Half Bridge Gate Driver
LM5109B TI-LM5109B_15 Datasheet
781Kb / 16P
[Old version datasheet]   LM5109B High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
   100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Texas Instruments
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com