Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L453ID Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. L453ID
Description  T-1 3/4 SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L453ID Datasheet(HTML) 1 Page - Kingbright Corporation

  L453ID Datasheet HTML 1Page - Kingbright Corporation L453ID Datasheet HTML 2Page - Kingbright Corporation L453ID Datasheet HTML 3Page - Kingbright Corporation L453ID Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: CDA0709
REV NO: V.1
DATE: NOV/11/2001
PAGE: 1 OF 4
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
T-1 3/4 (5mm) SOLID STATE LAMPS
L453ID
HIGH EFFICIENCY RED
L453GD GREEN
L453YD
YELLOW
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
5mm DIAMETER WITH 6.3x6.3mm BASE.
!
LOW POWER CONSUMPTION.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions
Digitally signed by
YANGSHOUFEN
cn=YANGSHOUFEN,
ou=KINGBRIHGT, o=42, c=US
Date: 2001.11.12 11:32:50
+08'00'
Reason: Document is certified


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HLMP-3300 T-1 3/4 5 mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
HLMP-3X50A T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
L-1593 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
L1513IT T-1 3/4 5MM SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
HLMP-D600 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  QT Optoelectronics
MV54152 BULLET PROFILE T-1 3/4 SOLID STATE LAMPS 1  2  3  QT Optoelectronics
MV5433 3 LEAD BICOLOR T-1 3/4 5 mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
HLMP-K600 T-1 3mm SOLID STATE LAMPS 1  2  3  QT Optoelectronics
MV5437 3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS 1  2  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn