Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L453ID Datasheet(PDF) 4 Page - Kingbright Corporation

Part No. L453ID
Description  T-1 3/4 SOLID STATE LAMPS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L453ID Datasheet(HTML) 4 Page - Kingbright Corporation

  L453ID Datasheet HTML 1Page - Kingbright Corporation L453ID Datasheet HTML 2Page - Kingbright Corporation L453ID Datasheet HTML 3Page - Kingbright Corporation L453ID Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: CDA0709
REV NO: V.1
DATE: NOV/11/2001
PAGE: 4 OF 4
APPROVED : J. Lu
CHECKED :
DRAWN: R.X.Jin
Green
L453GD
Yellow
L453YD


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HLMP-3300 T-1 3/4 5 mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
HLMP-3X50A T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
L-1593 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
L1513IT T-1 3/4 5MM SOLID STATE LAMPS 1  2  3  4  5  Kingbright Corporation
HLMP-D600 T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  QT Optoelectronics
MV54152 BULLET PROFILE T-1 3/4 SOLID STATE LAMPS 1  2  3  QT Optoelectronics
MV5433 3 LEAD BICOLOR T-1 3/4 5 mm SOLID STATE LAMPS 1  2  3  4  Fairchild Semiconductor
HLMP-K600 T-1 3mm SOLID STATE LAMPS 1  2  3  QT Optoelectronics
MV5437 3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS 1  2  QT Optoelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn