Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DD110F120 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DD110F120
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DD110F120 Datasheet(HTML) 2 Page - SanRex Corporation

  DD110F120 Datasheet HTML 1Page - SanRex Corporation DD110F120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD110F/KD110F
Maximum Forward Characteristics
Forward Voltage Drop(V)
10
10
10
Average Forward Current(A)
200
220
160
180
100
120
140
20
60
80
40
20
40
60
80
100 120 140 160 180
Average Forward Current vs.
Power Dissipation
Single Phase
Three Phase
Per one element
D.C.
Max.
Average Forward Current(A)
60
70
80
90
110
120
130
100
50
20
40
60
80
100 120 140 160 180
Average Forward Current vs.
Allowable Case Temperature
Per one element
500
1000
1500
2000
2500
3000
10
10
10
Time(Cycles)
Cycle Surge Forward Current Rating
(Non-Repetitive)
Per one element
j=25℃ start
60Hz
50Hz
0.5
0.4
0.3
0.2
0.1
10
10
10
ー1
10
ー2
10
ー3
10
10
10
Time
t(sec)
Transient Thermal Impedance
Per one element
Junction to Case
Id(Av)
900
800
600
700
500
400
300
200
100
100
200
40
80
120
B2;Two Pluse Bridge
connection
Output Current(A)
Ambient Temperature(℃)
Output Current
B2
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
100
90
110
120
125
Id(AV)
900
800
600
700
500
400
300
200
100
100
200
40
80
120
B6;Six pulse Bridge
connection
Output Current(A) Ambient Temperature(℃)
Output Current
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
B6
100
90
110
120
125


Similar Part No. - DD110F120

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DD11 SCHURTER-DD11 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD11 SCHURTER-DD11 Datasheet
278Kb / 3P
   IEC Connector C15 for hot conditions, Rewireable, Angled
DD11 SCHURTER-DD11 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
DD11 SCHURTER-DD11 Datasheet
480Kb / 6P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
08.12.2021
DD11.0111.1110 SCHURTER-DD11.0111.1110 Datasheet
586Kb / 3P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
More results

Similar Description - DD110F120

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com