Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C0805S473K5RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C0805S473K5RACAUTO
Description  SMD Auto X7R FE, Ceramic, Floating Electrode, 0.047 uF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0805
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805S473K5RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0805S473K5RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: C0805S473K5RACAUTO
SMD Auto X7R FE, Ceramic, Floating Electrode, 0.047 uF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode,
Automotive Grade, 0805
Dimensions
L
2mm +/-0.2mm
W
1.25mm +/-0.2mm
T
0.78mm +/-0.10mm
S
0.75mm MIN
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: SMD Auto X7R FE
Style: SMD Chip
Description: SMD, MLCC, FE-CAP, Floating
Electrode, Automotive Grade
Features: FE-CAP, Floating Electrode,
Automotive Grade
RoHS: Yes
Termination: Tin
Marking: No
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Chip Size: 0805
Specifications
Capacitance: 0.047 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC
Dielectric Withstanding
Voltage: 125 V
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.50% 1kHz 25C
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 21.277 GOhms
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/05/2018 - 93a39356-cb05-411c-9390-b2478c532749


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn