Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D551638D-TC2A Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4D551638D-TC2A
Description  256Mbit GDDR SDRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D551638D-TC2A Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4D551638D-TC2A Datasheet HTML 6Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 7Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 8Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 9Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 10Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 11Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 12Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 13Page - Samsung semiconductor K4D551638D-TC2A Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
256M GDDR SDRAM
K4D551638D-TC
- 10 -
Rev 1.8 (Oct. 2003)
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
POWER & DC OPERATING CONDITIONS(SSTL_2 In/Out)
Recommended operating conditions(Voltage referenced to VSS=0V, TA=0 to 65
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Device Supply voltage
VDD
2.5
2.6
2.7
V
1,7,8
Output Supply voltage
VDDQ
2.5
2.6
2.7
V
1,7,8
Reference voltage
VREF
0.49*VDDQ
-
0.51*VDDQ
V2
Termination voltage
Vtt
VREF-0.04
VREF
VREF+0.04
V
3
Input logic high voltage
VIH(DC)
VREF+0.15
-
VDDQ+0.30
V
4
Input logic low voltage
VIL(DC)
-0.30
-
VREF-0.15
V
5
Output logic high voltage
VOH
Vtt+0.76
-
-
V
IOH=-15.2mA
Output logic low voltage
VOL
-
-
Vtt-0.76
V
IOL=+15.2mA
Input leakage current
IIL
-5
-
5
uA
6
Output leakage current
IOL
-5
-
5
uA
6
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDD
-1.0 ~ 3.6
V
Voltage on VDD supply relative to Vss
VDDQ
-0.5 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
2.0
W
Short circuit current
IOS
50
mA
1. Under all conditions VDDQ must be less than or equal to VDD.
2. VREF is expected to equal 0.50*VDDQ of the transmitting device and to track variations in the DC level of the same. Peak to
peak noise on the VREF may not exceed + 2% of the DC value. Thus, from 0.50*VDDQ, VREF is allowed + 25mV for DC error
and an additional + 25mV for AC noise.
3. Vtt of the transmitting device must track VREF of the receiving device.
4. VIH(max.)= VDDQ +1.5V for a pulse width and it can not be greater than 1/3 of the cycle rate.
5. VIL(mim.)= -1.5V for a pulse width and it can not be greater than 1/3 of the cycle rate.
6. For any pin under test input of 0V < VIN < VDD is acceptable. For all other pins that are not under test VIN=0V.
7. For the K4D551638D-TC2A, VDD & VDDQ = 2.8V+0.1V.
8. For the K4D551638D-TC60, VDD & VDDQ = 2.5V+5%.
Note :


Similar Part No. - K4D551638D-TC2A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC33 SAMSUNG-K4D551638F-TC33 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC36 SAMSUNG-K4D551638F-TC36 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC40 SAMSUNG-K4D551638F-TC40 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D551638F-TC50 SAMSUNG-K4D551638F-TC50 Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
More results

Similar Description - K4D551638D-TC2A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com