Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKD320-24 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKD320-24
Description  STANDARD RECOVERY DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD320-24 Datasheet(HTML) 3 Page - International Rectifier

  IRKD320-24 Datasheet HTML 1Page - International Rectifier IRKD320-24 Datasheet HTML 2Page - International Rectifier IRKD320-24 Datasheet HTML 3Page - International Rectifier IRKD320-24 Datasheet HTML 4Page - International Rectifier IRKD320-24 Datasheet HTML 5Page - International Rectifier IRKD320-24 Datasheet HTML 6Page - International Rectifier IRKD320-24 Datasheet HTML 7Page - International Rectifier IRKD320-24 Datasheet HTML 8Page - International Rectifier IRKD320-24 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Sinusoidal conduction @ TJ max.
Rectangular conduction @ TJ max.
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.250-
0.009
0.010
0.014
0.020
0.032
0.007
0.011
0.015
0.021
0.033
K/W
IRK.270-
0.008
0.012
0.014
0.020
0.032
0.007
0.011
0.015
0.020
0.033
IRK.320-
0.008
0.010
0.013
0.020
0.032
0.007
0.011
0.015
0.020
0.033
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
1
2
3
11
-
Module type
2
-
Circuit configuration
3
-
Current rating: I
F(AV) x 10 rounded
4
-
Voltage code: Code x 100 = V
RRM (see Voltage Rating Table)
Device Code
Ordering Information Table
4
T
J
Max. junction operating
-40 to 150
°C
temperature range
Tstg
Max.storagetemperaturerange
-40 to 150
°C
RthJC
Max.thermalresistance,
0.16
0.125
0.125
K/W Per junction, DC operation
junctiontocase
RthCS
Max.thermalresistance,
0.035
K/W
casetoheatsink
T
Mountingtorque±10%
MAP to heatsink
4 to 6
Nm
busbar to MAP
8 to 10
wt
Approximate weight
800 (30)
g (oz)
Parameter
IRK.250 / .270 / .320
Units Conditions
Thermal and Mechanical Specifications
A mounting compound is recommended
and the torque should be rechecked after
a period of 3 hours to allow for the spread
of the compound
Mounting surface flat, smooth and greased
Per module
IRK
D
32020 -
2424


Similar Part No. - IRKD320-24

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD320-24 IRF-IRKD320-24 Datasheet
296Kb / 11P
   MAGN-A-pak Power Modules
More results

Similar Description - IRKD320-24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com