Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C16-PI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS24C16-PI
Description  16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16-PI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS24C16-PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ISSI®
IS24C16
Integrated Silicon Solution, Inc.
1
ADVANCE INFORMATION EE001-0C
10/03/97
This document contains ADVANCE INFORMATION data. ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible
product. We assume no responsibility for any errors which may appear in this publication. © Copyright 1997, Integrated Silicon Solution, Inc.
IS24C16
16,384-BIT SERIAL ELECTRICALLY
ERASABLE PROM
FEATURES
• Low power CMOS
– Active current less than 3.0 mA
– Standby current less than 35
µA
• Hardware write protection
– Write control pin
• Internally organized as eight banks
– 256 pages x 8 bytes
• Two-wire serial interface
— Bidirectional data transfer protocol
• Flexible byte write and 16-byte page-write
modes
• High-reliability
– Endurance: 100,000 cycles per byte
– Data retention: 100 years
• Automatic word address incrementing
— Sequential register read
• Filtered inputs for noise suppression
• 8-pin PDIP or SOIC packages
OVERVIEW
The IS24C16 is a low cost, low power, low voltage
serial EEPROM and organized as 2,048 x 8 bits. The
memory is configured as 128 pages of 16 bytes each. It is
fabricated using
ISSI’s advanced CMOS EEPROM tech-
nology and operates from a single supply.
The IS24C16 is internally organized as a 256 x 8 memory
bank. The IS24C16 features a serial interface and soft-
ware protocol allowing operation on a simple 2-wire bus.
Included is a bidirectional serial data bus synchronized by
a clock offering flexible byte write and a faster 16-byte
page write. A write protect pin can protect data in the upper
quadrant of memory.
ADVANCE INFORMATION
OCTOBER 1997
ISSI®
PIN CONFIGURATION
8-Pin DIP and SOIC
PIN DESCRIPTIONS
Serial Clock (SCL) - The SCL input is used to clock all data
into and out of the device. In the WRITE mode, data must
remain stable when SCL is HIGH. In the READ mode, data
is clocked out on the falling edge of SCL.
Serial Data (SDA) - The SDA pin is a bidirectional pin used
to transfer data into and out of the device. Data may
change only when SCL is LOW. It is an open-drain output,
and may be wire-ORed with any number of open-drain or
open-collector outputs.
A0, A1, and A2: These pins are not connected.
Write Control (
WC
WC
WC
WC
WC) - The Write Control input is used to
disable any attempt to write to the memory. When HIGH,
the upper half of array is protected against write opera-
tions; when LOW, the write function is normal. The part can
be read independent of the state of
WC pin. When not
connected this pin will be pulled LOW.
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WC
SCL
SDA
PIN DESCRIPTIONS
A0-A2
Address Inputs (No connection)
SDA
Serial Data I/O
SCL
Serial Clock Input
WC
Write Control Input
Vcc
Power
GND
Ground


Similar Part No. - IS24C16-PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16-2 ISSI-IS24C16-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16-PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com