Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C16-PI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C16-PI
Description  16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C16-PI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C16-PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C16-PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISSI®
IS24C16
Integrated Silicon Solution, Inc.
3
ADVANCE INFORMATION EE001-0C
10/03/97
Acknowledge Polling
Once the internal write cycle has started and the
IS24C16 inputs are disabled, acknowledge polling can be
initiated. This involves sending a start condition followed
by the Device Addressing Byte. The read/write bit is
representive of the operation desired. Only if the internal
write cycle has been completed will the IS24C16 respond
with an acknowledge on the SDA bus allowing the read or
write sequence to continue.
READ OPERATION
READ operations are initiated in the same manner as
WRITE operations, except that the read/write bit of the
device addressing byte is set to “1”. There are three READ
operation options: current address read, random address
read and sequential read.
Current Address Read
The IS24C16 contains an internal address counter which
maintains the address of the last data word accessed,
incremented by one. For example, if the previous opera-
tion either a read or write operation addressed to the
address location n, the internal address counter would
increment to address location n+1. When the IS24C16
receives the Device Addressing Byte with a READ opera-
tion (read/write bit set to “1”), it will respond an ACKnowledge
and transmit the 8-bit data word stored at address location
n+1. If the Current Address READ operation only ac-
cesses a single byte of data, the master device terminates
the Current Address READ operation by pulling
ACKnowledge HIGH (lack of ACKnowledge) indicating the
last data word to be read, followed by a STOP condition.
(Refer to Figure 8. Current Address Read Diagram.)
Random Access Read
Random Address READ operation allows the master
device to access any memory location in a random fash-
ion. This operation involves a two-step process. First, the
master device generates a START condition and initiates
Device Addressing Byte with a WRITE operation (read/
write bit sets to “0”), followed by the address of the data
word the master device is to READ. This procedure stores
the desired address of data word to the internal address
counter of the IS24C16.
After the data word address ACKnowledge is received by
the master device, the master device now initiates a
CURRENT ADDRESS READ by sending Device Ad-
dressing Byte with a READ operation (read/write bit sets to
“1”). The IS24C16 responds with an ACKnowledge and
transmits the eight data bits stored at the address location
where the master device is to READ. At this point, the
master device terminates the operation by pulling
ACKnowledge HIGH (lack of ACKnowledge) indicating the
last data word to be read, followed by a STOP condition.
(Refer to Figure 9. Random Address Read Diagram.)
Sequential Read
Sequential Reads can be initiated as either a Current
Address Read or Random Address Read. The first data
word is transmitted as with the other byte read modes, the
master device now responds with an ACKnowledge indi-
cating that it requires additional data from the IS24C16.
The IS24C16 continues to output data for each
ACKnowledge received. the master device terminates the
sequential READ operation by pulling ACKnowledge HIGH
(lack of ACKnowledge) indicating the last data word to be
read, followed by a STOP condition.
The data output is sequential, with the data from
address n followed by the date from address n+1, ... etc.
The address counter increments by one automatically,
allowing the entire memory contents to be serially read
during sequential read operation. When the memory ad-
dress boundry (address 255) is reached, the address
counter “rolls over” to address 0, and the IS24C16 contin-
ues to output data for each ACKnowledge received. (Refer
to Figure 910. Sequential Read Operation Starting with a
Random Address READ Diagram.)


Similar Part No. - IS24C16-PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C16-2 ISSI-IS24C16-2 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2G ISSI-IS24C16-2G Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C16-2GI ISSI-IS24C16-2GI Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C16-PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46B ISSI-IS93C46B Datasheet
67Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com