Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV44052-50T Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC41LV44052-50T
Description  4Mx4 bit Dynamic RAM with Fast Page Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV44052-50T Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC41LV44052-50T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV44052-50T Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IC41C4405x and IC41LV4405x Series
6
Integrated Circuit Solution Inc.
DR013-0B 10/17/2002
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
−55
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
−55
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH =
−5.0 mA with VCC=5V
2.4
V
IOH =
−2.0 mA with VCC=3.3V
VOL
Output Low Voltage Level
IOL = 4.2 mA with VCC=5V
0.4
V
IOL = 2 mA with VCC=3.3V
ICC1
Standby Current: TTL
RAS, CAS
− VIH
5V
2mA
3.3V
0.5
ICC2
Standby Current: CMOS
RAS, CAS > VCC
− 0.2V
5V
1mA
3.3V
0.5
ICC3
Operating Current:
RAS, CAS,
-50
120
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
110
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, CAS > VIH
-50
90
mA
Fast Page Mode(2,3,4)
tRC = tRC (min.)
-60
80
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, CAS > VIH
-50
120
mA
RAS-Only(2,3)
tRC = tRC (min.)
-60
110
Average Power Supply Current
ICC6
Refresh Current:
RAS, CAS Cycling
-50
120
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
110
Average Power Supply Current
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each Fast page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IC41LV44052-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-50J ICSI-IC41LV44002A-50J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-50T ICSI-IC41LV44002A-50T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-60J ICSI-IC41LV44002A-60J Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41LV44002A-60T ICSI-IC41LV44002A-60T Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41LV44052-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41SV44052 ICSI-IC41SV44052 Datasheet
298Kb / 17P
   4Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41SV4105 ICSI-IC41SV4105 Datasheet
300Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41UV4105 ICSI-IC41UV4105 Datasheet
181Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
IC41C4105 ICSI-IC41C4105 Datasheet
505Kb / 17P
   1Mx4 bit Dynamic RAM with Fast Page Mode
logo
Mitsubishi Electric Sem...
M5M44400AL MITSUBISHI-M5M44400AL Datasheet
1Mb / 20P
   FAST PAGE MODE 4194304 BIT DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1665 ICSI-IC41C1665 Datasheet
388Kb / 19P
   64K x16 bit Dynamic RAM with Fast Page Mode
IC41C8513 ICSI-IC41C8513 Datasheet
240Kb / 17P
   512K x 8 bit Dynamic RAM with Fast Page Mode
logo
Toshiba Semiconductor
THM91000S TOSHIBA-THM91000S Datasheet
1Mb / 16P
   1,048,576 WORDSX9 BIT FAST PAGE MODE DYNAMIC RAM MODULE
logo
Integrated Circuit Solu...
IC41C16256 ICSI-IC41C16256 Datasheet
208Kb / 21P
   256Kx16 bit Dynamic RAM with EDO Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com