Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD40A4369S Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD40A4369S
Description  4-bit HMCS400-Series microcomputer
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD40A4369S Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD40A4369S Datasheet HTML 1Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 2Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 3Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 4Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 5Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 6Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 7Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 8Page - Hitachi Semiconductor HD40A4369S Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 115 page
background image
HD404369 Series
5
Pin Description
Pin Number
Item
Symbol
DP-64S
FP-64B FP-64A I/O
Function
Power
V
CC
33
27
25
Applies power voltage
Supply
GND
16
10
8
Connected to ground
Test
TEST
12
6
4
I
Cannot be used in user applications. Connect this
pin to GND.
Reset
RESET
13
7
5
I
Resets the MCU
Oscillator OSC
1
14
8
6
I
Input/output pin for the internal oscillator. Connect
these pins to the ceramic oscillator or crystal
oscillator, or OSC
1 to an external oscillator circuit.
OSC
2
15
97O
X1
17
11
9
I
Used with a 32.768-kHz crystal ocillator for clock
purposes
X2
18
12
10
O
Port
D
0–D 13
34–47
28–41
26–39
I/O
Input/output pins consisting of standard voltage
pins addressed individually by bits
RA
1
64
58
56
I
One-bit standard-voltage input port pin
R0
0–R0 3,
R3
0–R9 3
1–11,
20–31,
48–55
1–5,
14–25,
42–49,
59–64
1–3,
12–23,
40–47,
57–64
I/O
Four-bit input/output pins consisting of standard
voltage pins
R1
0–R2 3
56–63
50–57
48–55
I/O
Four-bit input/output pins consisting of
intermediate voltage pins
Interrupt
INT
0, INT1
34, 35
28, 29
26, 27
I
Input pins for external interrupts
Stop clear
STOPC
38
32
30
I
Input pin for transition from stop mode to active
mode
Serial
SCK
8
2
64
I/O
Serial interface clock input/output pin
Interface
SI
9
3
1
I
Serial interface receive data input pin
SO
10
4
2
O
Serial interface transmit data output pin
Timer
TOC
11
5
3
O
Timer output pin
EVNB
36
30
28
I
Event count input pin
Alarm
BUZZ
37
31
29
O
Square waveform output pin


Similar Part No. - HD40A4369S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD40A4369S RENESAS-HD40A4369S Datasheet
421Kb / 117P
   microcomputer has an A/D converter
More results

Similar Description - HD40A4369S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404318 HITACHI-HD404318 Datasheet
305Kb / 66P
   4-bit HMCS400-series microcomputer
HD404356 HITACHI-HD404356 Datasheet
398Kb / 100P
   4-bit HMCS400-Series microcomputer
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Hitachi Semiconductor
HD404918 HITACHI-HD404918 Datasheet
1Mb / 45P
   CMOS 4-bit single-chip microcomputer of the HMCS400 series incorporates ROM,RAM,1
HD44795 HITACHI-HD44795 Datasheet
689Kb / 11P
   4-Bit CMOS Microcomputer
logo
Toshiba Semiconductor
TMP47C423AF TOSHIBA-TMP47C423AF Datasheet
543Kb / 24P
   CMOS 4-bit Microcomputer
logo
Hitachi Semiconductor
HD613901 HITACHI-HD613901 Datasheet
655Kb / 11P
   4-BIT CMOS MICROCOMPUTER
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com