Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HN27C4000G Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HN27C4000G
Description  524288-Word ®8-Bit/262144-Word X 16-Bit CMOS UV Erasable and Programmable ROM
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HN27C4000G Datasheet(HTML) 5 Page - Hitachi Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Capacitance (Ta = 25°C, f = 1 MHz)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Notes
Input capacitance
Cin
12
pF
Vin = 0 V
Except
BYTE/VPP
Output capacitance
Cout
20
pF
Vout = 0 V
Read Operation
DC Characteristics (VCC = 5 V ± 10%, VPP = VSS to VCC, Ta = 0 to +70°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
ILI
2
µA
Vin = 5.5 V
Output leakage current
ILO
2
µA
Vout = 5.5 V/0.45 V
VPP current
IPP1
1
20
µA
VPP = 5.5 V
Standby VCC current
ISB1
——1
mA
CE = VIH
ISB2
—1
20
µA
CE = VCC ± 0.3 V
Operating VCC current
ICC1
35
mA
Iout = 0 mA, f = 1 MHz
ICC2
120
mA
Iout = 0 mA, f = 10 MHz
Input voltage
VIL
–0.3*1
0.8
V
VIH
2.2
VCC
V
+ 1*2
Output voltage
VOL
0.45
V
IOL = 2.1 mA
VOH
2.4
V
IOH = –400 µA
Notes: 1. VIL min = –1.0 V for pulse width ≤ 50 ns
VIL min = –2.0 V for pulse width ≤ 20 ns
2. VIH max = VCC +1.5 V for pulse width ≤ 20 ns
If VIH is over the specified maximum value, read operation cannot be guaranteed.
5
HN27C4000G Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn