Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7023 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7023
Description  Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7023 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7023 Datasheet HTML 1Page - NTE Electronics NTE7023 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Test Conditions:
Condition 1: VB= 45V, ripple 6VPP
VIN (DC) 1 = 16V, VIN (DC) 2 = 8V, IO1 = IO2 = IO3 = 0.5A (input ripple 1.5VPP)
Condition 2: VB= 45V, ±6V
VIN (DC) 1 = 16V, VIN (DC) 2 = 8V, IO1 = IO2 = IO3 = 0.5A
Condition 3: VB= 45V,
VIN (DC) 1 = 13.5V to 20V, VIN (DC) 2 = 6.6V to 10V, IO1 = IO2 =IO3 = 0.5A
Condition 4: VB= 45V,
VIN (DC) 1 = 16V, VIN (DC) 2 = 8V, IO1 = 0.3A to 1A, IO2 = 0.1A to 1A, IO3 = 0.1A to 1A
Condition 5: VB= 45V, IO1 = IO2 = IO3 = 0.5A
Pin Connection Diagram
(Front View)
VO 3 (5.3V @ 1A)
VIN (DC) 2
VO 2 (12V @ 1.5A)
IB 2
VIN (DC) 1
VO 1 (12V @ 1.5A)
IB 1
VIN (DC) 1
GND
N.C.
Cutoff
10
9
8
7
6
5
4
3
2
1
12
11
N.C.
2.330 (59.2)
2.050 (52.0)
1.110 (27.94)
.335 (8.5)
112
.158 (4.0)
.100 (2.54)
.628
(16.0)
1.003
(25.5)
.628
(16.0)


Similar Part No. - NTE7023

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7022 NTE-NTE7022 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7024 NTE-NTE7024 Datasheet
21Kb / 2P
   Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
NTE7025 NTE-NTE7025 Datasheet
24Kb / 2P
   Integrated Circuit Module, Switching Regulator Power Supply
NTE7026 NTE-NTE7026 Datasheet
21Kb / 2P
   Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
NTE7027 NTE-NTE7027 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results

Similar Description - NTE7023

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7022 NTE-NTE7022 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1881 NTE-NTE1881 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1734 NTE-NTE1734 Datasheet
24Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1735 NTE-NTE1735 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7035 NTE-NTE7035 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7027 NTE-NTE7027 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1880 NTE-NTE1880 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7028 NTE-NTE7028 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7034 NTE-NTE7034 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7074 NTE-NTE7074 Datasheet
18Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com