Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7023 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7023
Description  Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7023 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7023 Datasheet HTML 1Page - NTE Electronics NTE7023 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7023
Integrated Circuit
Module, 3 Output Positive Voltage
Regulator for VCR
Features:
D 3 Outputs
D Output Voltage Select Function
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum DC Input Voltage, VIN (DC) Max
VO1, VO2
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO3
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Current, IO Max
Average
1.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak (Note 1)
2.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC Max
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature, TJ Max
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
0
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
7.0
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Peak Current: For 0.1 sec Max.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
VO1
VO2
VO3
Unit
Output Voltage Setting
Condition 1, Note 2
12.0
±0.3 12.0±0.1
5.3
±0.1
V
Output Cutoff Residual Voltage
Condition 1, Note 3
0.1
0.1
5.3
±0.13
V Max
Ripple Voltage
Condition 2
20
5
5
mVp–p Max
Temperature Coefficient
Condition 1
0.02
0.02
0.03
%/
°C Max
Line Regulation
Condition 2
10
10
10
mV/V Max
Condition 3
20
2
2
mV/V Max
Load Regulation
Condition 4
150
45
45
mV/A Max
Minimum Input–Output Voltage
Difference
Condition 5
1.2
1.2
1.2
V Max
Note 2. Measurement must be made within 1 to 2 sec. after input switch is ON.
Note 3. When Pin10 is at High level (3V to 15V), VO1 is in OFFstate. When Pin10 is at Low level
(0.6V or less), VO1 is in ON state.


Similar Part No. - NTE7023

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7022 NTE-NTE7022 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7024 NTE-NTE7024 Datasheet
21Kb / 2P
   Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
NTE7025 NTE-NTE7025 Datasheet
24Kb / 2P
   Integrated Circuit Module, Switching Regulator Power Supply
NTE7026 NTE-NTE7026 Datasheet
21Kb / 2P
   Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
NTE7027 NTE-NTE7027 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results

Similar Description - NTE7023

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7022 NTE-NTE7022 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1881 NTE-NTE1881 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1734 NTE-NTE1734 Datasheet
24Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1735 NTE-NTE1735 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7035 NTE-NTE7035 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7027 NTE-NTE7027 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1880 NTE-NTE1880 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7028 NTE-NTE7028 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7034 NTE-NTE7034 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7074 NTE-NTE7074 Datasheet
18Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com