Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS8135 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS8135
Description  TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO (ITU-R.BT601) COMPLIANT FULL SCALE RANGE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8135 Datasheet(HTML) 5 Page - Texas Instruments

  THS8135 Datasheet HTML 1Page - Texas Instruments THS8135 Datasheet HTML 2Page - Texas Instruments THS8135 Datasheet HTML 3Page - Texas Instruments THS8135 Datasheet HTML 4Page - Texas Instruments THS8135 Datasheet HTML 5Page - Texas Instruments THS8135 Datasheet HTML 6Page - Texas Instruments THS8135 Datasheet HTML 7Page - Texas Instruments THS8135 Datasheet HTML 8Page - Texas Instruments THS8135 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
THS8135
TRIPLE 10-BIT, 240 MSPS VIDEO DAC WITH TRI-LEVEL SYNC AND VIDEO
(ITU-R.BT601)—COMPLIANT FULL SCALE RANGE
SLAS343A – MAY 2001 – REVISED JUNE 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
SYNC_T
25
I
Sync tri-level control, active high. A rising edge on CLK latches SYNC_T. When asserted (high), a positive
sync (higher than blanking level) is generated when SYNC is low. When disabled (low), a negative sync (lower
than blanking level) is generated when SYNC is low. When generating a tri-level (negative-to-positive) sync,
an L->H transition on this signal positions the start of the positive transition. See Figure 10 for timing control.
SYNC_T is also used to put the device in generic DAC mode: SYNC=H AND SYNC_T = H -> generic DAC
mode. Therefore, the user should always drive SYNC_T low outside the sync period when video DAC mode
operation is intended.
VREF
37
O
Voltage reference for DACs. An internal voltage reference of nominally 1.2 V is provided, which requires an
external 0.1-
µF ceramic capacitor between VREF and AVSS.
detailed description
The THS8135 is a fast well-matched triple DAC with current outputs optimized for video applications without
sacrificing its usefulness as a general-purpose triple DAC, thanks to a generic DAC mode. For video
applications, the device can embed an analog output (composite) bi-level or tri-level sync on only the
green/luma channel or on all three DAC output channels. The THS8135 offers compatibility with several popular
video data formats and provides standard analog output compliance levels for component video digitized
according to the ITU-R.BT601 sampling standard. The DAC full-scale range is also adjustable.
sync generation
The SYNC and SYNC_T control inputs enable the superposition of an additional current onto the AGY channel
or onto all three channels, depending on the setting of INS3_INT. Using a combination of the SYNC and
SYNC_T control inputs, either bi-level negative going pulses or tri-level pulses can be generated. By driving
these terminals with the correct timing inputs, the user can insert onto the analog output(s) any composite sync
format consisting of horizontal sync, vertical sync, pre- and post-serration, and equalization pulses. Assertion
of SYNC (active low) identifies the sync period, while assertion of SYNC_T (active high) within this period
identifies the positive excursion of a tri-level sync.
blanking generation
The BLANK control input fixes the output amplitude on all channels to the blanking level, irrespective of the value
on the data input ports. The position of the blanking level on each channel and its relation to active video is
different depending on the RGB versus YCbCr color space configuration: bottom-range blanking level for R,
G, B, and Y outputs versus mid-range blanking level for Pb and Pr outputs. This also depends on the full-scale
versus reduced-scale (ITU-R.BT601) input code range configuration: bottom-range blanking levels correspond
to input code 0 when in full-scale, or to code 64 when in reduced-scale input code range configuration;
mid-range blanking levels remain at 512 in all cases.
generic DAC mode versus video DAC mode
In video DAC mode, the device provides additional dc bias on R, G, B, and Y channels to provide headroom
for negative sync insertion, as shown on Figure 1 and Figure 3.
Such bias might be undesirable in applications where no sync embedding is needed, since it causes additional
power consumption and might prevent dc coupling of the DAC outputs. In such cases, only a triple DAC
operation without dc bias (i.e., DAC input code 0 corresponding to 0-V output) might be preferred as there is
no need for sync insertion. Therefore, the THS8135 includes a generic DAC mode that does not add any dc
bias. Sync insertion is not supported in generic DAC mode. Also, in this mode, only full-scale operation is
available. Other features are still available in generic DAC mode: different input data formats, RGB versus
YCbCr color space selection, and blanking level override option.


Similar Part No. - THS8135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133 TI-THS8133 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8133A TI-THS8133A Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133ACPHP TI-THS8133ACPHP Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
More results

Similar Description - THS8135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS8133 TI-THS8133_07 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION WITH TRI-LEVEL SYNC GENERATION
THS8133 TI-THS8133 Datasheet
339Kb / 23P
[Old version datasheet]   TRIPLE 10-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
THS8136 TI-THS8136 Datasheet
480Kb / 17P
[Old version datasheet]   TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
THS8134 TI-THS8134 Datasheet
346Kb / 24P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER WITH TRI-LEVEL SYNC GENERATION
logo
Analog Devices
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
logo
Fairchild Semiconductor
SPT5230 FAIRCHILD-SPT5230 Datasheet
51Kb / 7P
   10-BIT, 36 MWPS TRIPLE VIDEO DAC
logo
Texas Instruments
TVP70025I TI-TVP70025I Datasheet
677Kb / 55P
[Old version datasheet]   TRIPLE 10-BIT, 90-MSPS, VIDEO AND GRAPHICS DIGITIZER WITH HORIZONTAL PLL
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
   8-bit, 180MSPS, Triple Video DAC
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com