Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74VCX16244AE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74VCX16244AE
Description  16-Bit Buffer/Driver with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16244AE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74VCX16244AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74VCX16244AE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8160C
09/27/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16244
16-Bit Buffer/Driver
with3-StateOutputs
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indi-
cated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Supply Voltage Range, VDD ...........................................0.5V to 4.6V
Input Voltage Range, VI ............................................... -0.5V to 4.6V
Output Voltage Range, VO (3-Stated) ........................... -0.5V to 4.6V
Output Voltage Range, VO(1) (Active) ..................... -0.5V to VCC+0.5
DC Input Diode Current (IIK) VI<0V ...................................... -50mA
DC Output Diode Current (IOK)
VO<0V .................................................................................. -50mA
VO>VDD ............................................................................... +50mA
DC Output Source/Sink Current (IOH/IOL) .............................. ±50mA
DC VDD or GND Current per Supply Pin (ICC or GND) ...... ±100mA
Storage Temperature Range, Tstg .............................. –65
°C to 150°C
Recommended Operating Conditions(2)
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes
1. Absolute maximum of I
O must be observed.
2. Unused control inputs must be held HIGH or LOW to prevent them from floating.
3 As measured between 0.8V and 2.0V, V
DD = 3.0V.
.
n
i
M.
x
a
Ms
t
i
n
U
V D
D
e
g
a
tl
o
v
y
l
p
p
u
S
g
n
it
a
r
e
p
O8
.
16
.
3
V
y
l
n
O
n
o
it
n
e
t
e
R
a
t
a
D2
.
16
.
3
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
HV D
D
V
6
.
3
o
t
V
7
.
2
=0
.
2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
LV D
D
V
6
.
3
o
t
V
7
.
2
=8
.
0
VI
e
g
a
tl
o
v
t
u
p
n
I3
.
0
-6
.
3
VO
e
g
a
tl
o
v
t
u
p
t
u
O
e
t
a
t
S
e
v
it
c
A0
V D
D
e
t
a
t
S
f
f
O0
6
.
3
IO
I
n
i
t
n
e
r
r
u
c
t
u
p
t
u
O
H
O I
/ L
O
V D
D
V
6
.
3
o
t
V
0
.
3
=
V D
D
V
7
.
2
o
t
V
3
.
2
=
V D
D
V
8
.
1
=
4
2
±
8
1
±
6
±
A
m
∆ /t∆v
e
t
a
r
ll
a
f
r
o
e
s
i
r
n
o
it
s
i
s
n
a
r
t
t
u
p
n
I
)
3
(
00
1V
/
s
n
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
r
f
g
n
it
a
r
e
p
O
− 0
4
5
8C


Similar Part No. - PI74VCX16244AE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results

Similar Description - PI74VCX16244AE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com