Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FRG25CA120 Datasheet(PDF) 2 Page - SanRex Corporation

Part No. FRG25CA120
Description  DIODE MODULE (F.R.D.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

FRG25CA120 Datasheet(HTML) 2 Page - SanRex Corporation

  FRG25CA120 Datasheet HTML 1Page - SanRex Corporation FRG25CA120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
FRG25CA120
Forward Characteristics
Forward Voltage Drop VF(V)
10
10
10
0.
1.
1.
2.
2.
Typical
Maximum
Typical
Maximum
j=25℃
Reverse Recovery Characteristics
Forward Current IF(A)
10
10
10
−1
40
30
20
10
j=25℃
j=150℃
−di/dt=100A/μs
Qrr
Qrr
Irr
Irr
trr
trr
Typical
10
−3
10
−2
10
−1
2.
1.
1.
0.
10
10
Maximum
Transient Thermal Impedance
Time
t(sec)
Maximum
5×10−1secー101sec
10−3secー5×10−1sec
trr
trr
10
10
10
10
10
−1
10
10
10
Reverse Recovery Characteristics
−di/dt(A/μs)
Qrr
Qrr
Irr
Irr
j=25℃
j=150℃
IF=25A
Typical
SanRex
®


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FRS300CA50 DIODE MODULE F.R.D. 1  2  SanRex Corporation
FDF25CA100 DIODE MODULE F.R.D. 1  2  SanRex Corporation
FRG25BA60 DIODE MODULE F.R.D. 1  2  SanRex Corporation
DD250HB120 DIODE MODULE F.R.D. 1  2  SanRex Corporation
NDL7408P 1 310 nm InGaAsP STRAINED MQW DC-PBH LASER DIODE COAXIAL MODULE WITH SINGLE MODE FIBER 1  2  3  4  5  More NEC
NX7660JC InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION 1  2  3  4  5  More NEC
MDD310 Diode/Diode Module 1  List of Unclassifed Manufacturers
QR0610T30 Fast Recovery Diode Module 100 Amp/600 Volts 1  2  3  Powerex Power Semiconductors
QRS1240T30 Fast Recovery Diode Module 400 Amp/1200 Volts 1  2  3  Powerex Power Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn