Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4801 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4801
Description  1W Stereo Audio Amplifier Plus Adjustable LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4801 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4801 Datasheet HTML 1Page - National Semiconductor (TI) LM4801 Datasheet HTML 2Page - National Semiconductor (TI) LM4801 Datasheet HTML 3Page - National Semiconductor (TI) LM4801 Datasheet HTML 4Page - National Semiconductor (TI) LM4801 Datasheet HTML 5Page - National Semiconductor (TI) LM4801 Datasheet HTML 6Page - National Semiconductor (TI) LM4801 Datasheet HTML 7Page - National Semiconductor (TI) LM4801 Datasheet HTML 8Page - National Semiconductor (TI) LM4801 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Stereo Amplifier Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
20073617
V
DD = 3V, RL =8
Ω,P
OUT = 150mW
20073624
V
DD = 5V, RL =8
Ω,P
OUT = 150mW
THD+N vs Frequency
THD+N vs Output Power
20073620
V
DD = 5.5V, RL =8
Ω,P
OUT = 150mW
20073628
V
DD = 3V, RL =8
Ω,f
IN = 1kHz
THD+N vs Output Power
THD+N vs Output Power
20073633
V
DD = 5V, RL =8
Ω,f
IN = 1kHz
20073630
V
DD = 5.5V, RL =8
Ω,f
IN = 1kHz
www.national.com
5


Similar Part No. - LM4801

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM4801 LEIDITECH-LM4801 Datasheet
1Mb / 6P
   LCE P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM4801

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4817 NSC-LM4817 Datasheet
738Kb / 21P
   1W Stereo Audio Amplifier Plus Adjustable Output Limiter Plus Adjustable LDO
LM4816 NSC-LM4816 Datasheet
429Kb / 13P
   1W Stereo Audio Amplifier Adjustable Output Limiter
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4883 NSC-LM4883 Datasheet
1Mb / 23P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone
logo
STMicroelectronics
TS4998 STMICROELECTRONICS-TS4998 Datasheet
479Kb / 33P
   2 x 1W differential input stereo audio amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
logo
Integrated Silicon Solu...
IS31AP4088A-QFLS2-TR ISSI-IS31AP4088A-QFLS2-TR Datasheet
346Kb / 20P
   DUAL 2.84W STEREO AUDIO AMPLIFIER PLUS HEADPHONE DRIVER
logo
Unisonic Technologies
L4863 UTC-L4863 Datasheet
449Kb / 10P
   DUAL 2.2W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
logo
National Semiconductor ...
LM4873 NSC-LM4873_02 Datasheet
956Kb / 25P
   Dual 2.1W Audio Amplifier Plus Stereo Headphone Function
logo
UMC Corporation
PA4867 UMC-PA4867 Datasheet
235Kb / 7P
   DUAL 2.1W AUDIO AMPLIFIER PLUS STEREO HEADPHONE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com