Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD260L Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FOD260L
Description  LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD260L Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FOD260L Datasheet HTML 1Page - Fairchild Semiconductor FOD260L Datasheet HTML 2Page - Fairchild Semiconductor FOD260L Datasheet HTML 3Page - Fairchild Semiconductor FOD260L Datasheet HTML 4Page - Fairchild Semiconductor FOD260L Datasheet HTML 5Page - Fairchild Semiconductor FOD260L Datasheet HTML 6Page - Fairchild Semiconductor FOD260L Datasheet HTML 7Page - Fairchild Semiconductor FOD260L Datasheet HTML 8Page - Fairchild Semiconductor FOD260L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
5
Typical Performance Curves
Fig. 2 Input Threshold Current vs.
Ambient Temperature
Fig. 1 Input Forward Current vs.
Forward Voltage
Fig. 5 Low Level Output Current vs.
Ambient Temperature
Fig. 3 Low Level Output Voltage vs.
Ambient Temperature
Fig. 6 Propagation Delay vs.
Ambient Temperature
Fig. 4 High Level Output Current
vs. Ambient Temperature
VF - Forward Voltage (V)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0.001
0.01
0.1
1
10
100
TA = 85°C
TA = 100°C
TA = 25°C
TA = 0°C
TA = -40°C
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 3.3V
VO = 0.6V
FOD060L
RL = 350Ω, 1kΩ, 4kΩ
FOD260L
RL = 350Ω, 1kΩ, 4kΩ
TA - Ambient Temperature (°C)
TA - Ambient Temperature (°C)
TA - Ambient Temperature (°C)
TA - Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
CC
= 3.3V
VE = 2V
IF = 5mA
IO = 13mA
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
VO = VCC = 3.3V
VE = 2V
IF = 250 µA
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
30
35
40
V
CC
= 3.3V
VE = 2V
VOL = 0.6V
IF = 5mA
-40
-20
0
20
40
60
80
100
20
30
40
50
60
70
80
V
CC
= 3.3V
IF = 7.5mA
RL = 350Ω
tPLH - FOD060L
tPHL - FOD060L
tPHL - FOD260L
tPLH - FOD260L


Similar Part No. - FOD260L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD260L FAIRCHILD-FOD260L Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
FOD260L FAIRCHILD-FOD260L_11 Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - FOD260L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD260L FAIRCHILD-FOD260L_11 Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
789Kb / 19P
   3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com