Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6417A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FMS6417A
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6417A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6417A Datasheet HTML 1Page - Fairchild Semiconductor FMS6417A Datasheet HTML 2Page - Fairchild Semiconductor FMS6417A Datasheet HTML 3Page - Fairchild Semiconductor FMS6417A Datasheet HTML 4Page - Fairchild Semiconductor FMS6417A Datasheet HTML 5Page - Fairchild Semiconductor FMS6417A Datasheet HTML 6Page - Fairchild Semiconductor FMS6417A Datasheet HTML 7Page - Fairchild Semiconductor FMS6417A Datasheet HTML 8Page - Fairchild Semiconductor FMS6417A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.fairchildsemi.com
2
FMS6417A Rev. 2A
Pin Configurations
Pin Assignments
Pin#
Pin
Description
1GINA
Analog GREEN video input for Channel <A>
2GINB
Analog GREEN video input for Channel <B>
3BINA
Analog BLUE video input for Channel <A>
4BINB
Analog BLUE video input for Channel <B>
5CVMUX
Logic input pin selects between the YIN(1) or
AUXIN(0) inputs as well as enabling or disabling
CIIN. (Do not float)
6
MODOUT Modulator output
7
N/C
No connect
8VCCOMOD 5V VCC for modulator output buffers
9
GND
Ground for modulator output buffers
10
AUXIN
Filtered analog composite video or luma input
11
CIN
Chrominance (Chroma) input
12
YIN
Luminance (Luma) input
13
N/C
No connect
14
VCCMOD
5V VCC for modulator
15
GND
Ground for modulator
16
N/C
No connect
17
CVOUT
Composite video output
18
N/C
No connect
19
COUT
Chrominance (Chroma) output
20
VCCO
5V power supply for output buffers of the RGB
and CV drivers
21
YOUT
Luminance (Luma) output
22
BOUT
Filtered analog BLUE video output from either
BINA or BINB
23
GOUT
Filtered analog GREEN video output from
either GINA or GINB
24
ROUT
Filtered analog RED video output from either
RINA or RINB
25
GND
Ground for output buffers
26
VCCA
VCC analog 3.3V supply
27
GND
Analog ground
28
FSEL
Select between (0) SD (8.0MHz) and (1) HD
(30.0MHz) filters (Do not float)
29
INMUX
Logic input selects between Channel <A> (1) or
<B> (0) of the RGB inputs.
(Do not float)
30
N/C
No connect
31
RINA
Analog RED video input for Channel <A>
32
RINB
Analog RED video input for Channel <B>
8
VCCOMOD
7
N/C
6
MODOUT
5
CVMUX
4
BINB
3
BINA
2
GINB
1
GINA
17
CVOUT
18
N/C
19
COUT
20
VCCO
21
YOUT
22
BOUT
23
GOUT
24
ROUT
FMS6417ACHX
32-pin LQFP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn