Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6417A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FMS6417A
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6417A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS6417A Datasheet HTML 1Page - Fairchild Semiconductor FMS6417A Datasheet HTML 2Page - Fairchild Semiconductor FMS6417A Datasheet HTML 3Page - Fairchild Semiconductor FMS6417A Datasheet HTML 4Page - Fairchild Semiconductor FMS6417A Datasheet HTML 5Page - Fairchild Semiconductor FMS6417A Datasheet HTML 6Page - Fairchild Semiconductor FMS6417A Datasheet HTML 7Page - Fairchild Semiconductor FMS6417A Datasheet HTML 8Page - Fairchild Semiconductor FMS6417A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FMS6417A Rev. 2A
5
www.fairchildsemi.com
Standard Definition Typical Performance Characteristics
(T
C = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCMOD = VCCOMOD = VCCO = 5.0V, FSEL = 0, all inputs AC coupled with
0.1
µF, all outputs AC coupled with 220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Figure 1. Freq. Response RGB Channels
Figure 2. Freq. Response YCCV Channels
Figure 3. Group Delay vs. Freq. RGB Channels
Figure 4. Group Delay vs. Freq. YCCV Channels
Figure 5. Modulator Output vs. Frequency
Figure 6. Noise vs. Frequency RGB Channels
1
2
3
12
400kHz
Frequency (MHz)
6
0
-6
-12
-18
-24
-30
-36
-42
-48
-54
-60
510
15
20
25
30
Mkr Frequency
Gain
Ref
400kHz
6dB
1
7.28MHz
-1dB BW
2
8.33MHz
-3dB BW
3
27MHz
-52.45dB
f
SBSD = Gain(ref) – Gain(3) = 58.45dB
1
2
3
12
400kHz
Frequency (MHz)
6
0
-6
-12
-18
-24
-30
-36
-42
-48
-54
-60
510
15
20
25
30
Mkr Frequency
Gain
Ref
400kHz
6dB
1
7.28MHz
-1dB BW
2
8.33MHz
-3dB BW
3
27MHz
-50.21dB
f
SBSD = Gain(ref) – Gain(3) = 56.21dB
400kHz
5
10
15
30
20
25
Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
1
1 = 8MHz (27.73ns)
400kHz
5
10
15
30
20
25
Frequency (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
1
1 = 8MHz (28.49ns)
-45
-115
0
1.0
6.0
Frequency (MHz)
-60
-48
-36
-24
-12
0
12
400kHz
5
30
Frequency (MHz)
1 = 4.425MHz (-18.8dB)
1
-55
-65
-75
-85
-95
-105
-54
-42
-30
-18
-6
6
10
15
20
25
2.0
3.0
4.0
5.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn