Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6417A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FMS6417A
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6417A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6417A Datasheet HTML 1Page - Fairchild Semiconductor FMS6417A Datasheet HTML 2Page - Fairchild Semiconductor FMS6417A Datasheet HTML 3Page - Fairchild Semiconductor FMS6417A Datasheet HTML 4Page - Fairchild Semiconductor FMS6417A Datasheet HTML 5Page - Fairchild Semiconductor FMS6417A Datasheet HTML 6Page - Fairchild Semiconductor FMS6417A Datasheet HTML 7Page - Fairchild Semiconductor FMS6417A Datasheet HTML 8Page - Fairchild Semiconductor FMS6417A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.fairchildsemi.com
4
FMS6417A Rev. 2A
Standard Definition Electrical Specifications
(T
C = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCMOD = VCCOMOD = VCCO = 5.0V, FSEL = 0, all inputs AC coupled with
0.1
µF, all outputs AC coupled with 220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
High Definition Electrical Characteristics
(T
C = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCMOD = VCCOMOD = VCCO = 5.0V, FSEL = 1, all inputs AC coupled with
0.1
µF, all outputs AC coupled with 220µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Notes:
1. 100% tested at 25°C.
2. VCCO, VCCMOD, and VCCOMOD all connected to same supply.
Symbol Parameter
Conditions
Min
Typ
Max Units
AVSD
SD Gain1
R,G,B channels SD Mode
5.3
6.0
6.6
dB
f1dBSD
-1dB Bandwidth for SD1
R,G,B,Y,C,CV channels
4
5
MHz
fCSD
-3dB Bandwidth for SD
R,G,B,Y,C,CV channels
8
MHz
fSBSD
Attenuation: SD (stopband reject)1
R,G,B,Y,C channels at f = 27MHz
37
40
dB
fSBCV
Attenuation: SD (stopband reject)1
CV channel at f = 27MHz
37
40
dB
fNA
Notch Attenuation
at 4.425MHz
14
20
dB
MCF
Modulator Channel Flatness
at 3.75MHz
-0.75
0
+0.75
dB
dG
Differential Gain
R,G,B,Y,C,CV channels
1.0
%
d
φ
Differential Phase
R,G,B,Y,C,CV channels
1.0
°
d
φ
MOD
Modulator Differential Phase
MOD channel
1.5
°
THD
Output Distortion (all channels)
VOUT = 1.8Vpp at 3.58MHz
0.4
%
XTALKYC
Crosstalk
channel-to-channel YC at 1MHz
-58
dB
XTALKRGB
Crosstalk
channel-to-channel RGB at 1MHz
-65
dB
INMUXISO
INMUX Isolation
at 1MHz
-75
dB
SNR
Signal-to-Noise Ratio
R,G,B,Y,C,CV channels, NTC-7
weighting, 100kHz highpass enabled
72
dB
tpdSD
Prop Delay for SD
Delay from input to output
at 4.5MHz (RGB, YC, CV outputs)
85
ns
∆t
pdMOD
Modulator Group Delay
MODE = 0, from 400kHz to 3.58MHz
-230
-170
-130
ns
tCLDCV
Chroma-Luma Delay CVOUT
f = 3.58MHz (referenced to 400kHz)
650
ns
tCLGCV
Chroma-Luma Gain CVOUT
f = 3.58MHz (referenced to 400kHz)
92
100
104
%
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
AVRGBHD
RGB HD Gain1
R,G,B channels HD Mode
5.3
6.0
6.6
dB
f1dBHD
-1dB Bandwidth for HD1
R,G,B channels
16
20
MHz
fCHD
-3dB Bandwidth for HD
R,G,B channels
32
MHz
fSBHD
Attenuation: HD (stopband
reject)1
R,G,B channels at f = 74.25MHz
25
30
dB
HD2
2nd Harmonic Distortion
20MHz fundamental
-48
dBc
HD3
3rd Harmonic Distortion
20MHz fundamental
-48
dBc
XTALKRGB
RGB Crosstalk
(channel-to-channel) at 1MHz
-68
dB
INMUXISO
INMUX Isolation
at 1MHz
-75
dB
SNR
Signal-to-Noise Ratio
R,G,B channels
72
dB
tpdHD
Prop Delay for HD
Delay from input to output at 16MHz
26
ns
GDHD
Group Delay
from 400kHz to 30MHz
5
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn