Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7013 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7013
Description  Integrated Circuit Remote Control Preamp with Active “Low”
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7013 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7013 Datasheet HTML 1Page - NTE Electronics NTE7013 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7013
Integrated Circuit
Remote Control Preamp with Active “Low”
Description:
The NTE7013 is a bipolar integrated circuit in an 8–Lead DIP type package intended for infrared re-
mote control applications. This device has an active “Low” output polarity and contains a high–gain
amplifier, a limiter amplifier, a band–pass filter, a detector, and a pulse shaper.
Features:
D On–Chip Band–Pass Filter: Frequenct Range 30 to 60kHz
D High Gain Pre–Amplifier: 86dB Typ
D Detector for PCM Demodulation
D Low Current Consumption
D Minimum External Components
Absloute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage (Rg = 0Ω), VCC
5.6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VIN
5VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, ICC
6mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
270mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Power Supply Voltage
VCC
Rg = 0Ω
4.5
5.0
5.5
V
Power Supply Voltage
VCC’
Rg = 1.5kΩ
11
12
13
V
Operating Frequency
fO
30
60
kHz


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn