Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7010 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7010
Description  Integrated Circuit Single Chip NTSC Color TV Processor w/OSD Interface
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7010 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7010 Datasheet HTML 1Page - NTE Electronics NTE7010 Datasheet HTML 2Page - NTE Electronics NTE7010 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Deflection Circuits
D High–Performance Sync Separation Circuit
D Adjustment–Free Horizontal Oscillation Circuit
D Stable Vertical Synchronization
D Sawtooth–Type AFC (Internal Sawtooth Wave Generator)
D Horizontal Predrive Output
D X–Ray Protection Circuit
D Vertical NFB Amplification Circuit
OSD Interface (R, G Inputs)
D Directly Driven by µ–computer
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Supply Voltage, VCC
13V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Internal Pin Voltage, Vin
GND –0.3V to VCC +0.3V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Amplitude, ein
4VP–P
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
1.92W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
15.3mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. CAUTION! This device is easily damaged by high static voltage or electric fields so extreme
care should be used when handling.
Pin Connection Diagram
PIF/SIF VCC
H. VCC
32fH VCO
V/C/D VCC
fc Adjustment
2nd AGC
1st AGC
Audio TV Input
DE–Emphasis
Chroma Input
R OSD Input
Y Output
PIF Tank (2)
SIF Input
External Audio Input
SIF Tank
TV Detection Output
Sharpness Control
Video Input
Brightness Control
Vertical Sync Sep Filter
Video Output
V/C/O GND
External Video Input
Contrast Control
Color Control
TV Input
Tint Control
PIF Tank (1)
AFT Tank
AFT Output
Audio Control
FBP Input
B–Y Output
G–Y Output
RF AGC Delay
PIF Input (1)
RF AGC Output
Audio Output
G OSD Input
PIF/SIF GND
1
2
3
4
5
6
7
54
53
52
51
50
49
48
8
47
9
46
PIF Input (2) 10
45
11
44
APC Filter 12
43
3.58 X’tal
R–Y Output
13
14
15
42
41
40
16
39
17
38
18
37
19
36
20
35
21
34
Vertical NFB
Vertical Ramp
Killer Filter
SW for S–VHS
OSD Bright Control
Horizontal AFC
Horizontal Output
X–Ray
Vertical Output
22
23
24
25
26
27
33
32
31
30
29
28


Similar Part No. - NTE7010

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
   Integrated Circuit Video Signal Processor
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE7013 NTE-NTE7013 Datasheet
22Kb / 2P
   Integrated Circuit Remote Control Preamp with Active ?쏬ow?
NTE7015 NTE-NTE7015 Datasheet
86Kb / 4P
   Integrated Circuit PLL SIF & VIF for TV & VCR
NTE7016 NTE-NTE7016 Datasheet
24Kb / 3P
   Integrated Circuit FM IF System
More results

Similar Description - NTE7010

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7060 NTE-NTE7060 Datasheet
26Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV Signal Processor
NTE1846 NTE-NTE1846 Datasheet
22Kb / 2P
   Integrated Circuit NTSC System Single-Chip Color TV Signal Processor
NTE7168 NTE-NTE7168 Datasheet
30Kb / 3P
   Integrated Circuit NTSC Single Chip Color TV
NTE7148 NTE-NTE7148 Datasheet
51Kb / 7P
   Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems (PLL Detection)
logo
Mitsubishi Electric Sem...
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
   NTSC System Single-Chip color TV Signal processor
M52339ASP MITSUBISHI-M52339ASP Datasheet
1Mb / 16P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR?
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
   NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
NTE Electronics
NTE7058 NTE-NTE7058 Datasheet
26Kb / 4P
   Integrated Circuit Single Chip TV NTSC System
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com