Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EMG17-SG-B60 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. EMG17-SG-B60
Description  Relay module with permanently soldered remanance miniature switching relay, with minus-switching diode wiring, contacts (AgAu): small to large loads, 1 PDT, input voltage 60 V DC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EMG17-SG-B60 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EMG17-SG-B60 Datasheet HTML 1Page - PHOENIX CONTACT EMG17-SG-B60 Datasheet HTML 2Page - PHOENIX CONTACT EMG17-SG-B60 Datasheet HTML 3Page - PHOENIX CONTACT EMG17-SG-B60 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2953948
10/22/2014   Page 1 / 4
Relay Module - EMG 17-REL/SG-B 60/21/M - 2953948
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay module with permanently soldered remanance miniature switching relay, with minus-switching diode wiring,
contacts (AgAu): small to large loads, 1 PDT, input voltage 60 V DC
The illustration shows version EMG
17-REL, with soldered-in Latching
miniature switching relay
 
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
52.8 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Dimensions
Width
17.5 mm
Height
75 mm
Depth
62.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
60 V DC
Input voltage range in reference to UN
0.8 ... 1.1


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn