Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1073 Datasheet(PDF) 15 Page - Alpha & Omega Semiconductors

Part # AOZ1073
Description  EZBuck 3A Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1073 Datasheet(HTML) 15 Page - Alpha & Omega Semiconductors

Back Button AOZ1073 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AOZ1073
Rev. 1.1 September 2008
www.aosmd.com
Page 15 of 15
Package Marking
AOZ1073AIL (Underlined, Halogen Free)
Z1073AI
FAY
Part Number Code
Assembly Lot Code
Fab & Assembly Location
Year & Week Code
WLT
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body or (b) support or sustain life, and (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of
the user.
2. A critical component in any component of a life
support, device, or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
This data sheet contains preliminary data; supplementary data may be published at a later date.
Alpha & Omega Semiconductor reserves the right to make changes at any time without notice.
LIFE SUPPORT POLICY
ALPHA & OMEGA SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS.


Similar Part No. - AOZ1073

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
More results

Similar Description - AOZ1073

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com