Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1073 Datasheet(PDF) 12 Page - Alpha & Omega Semiconductors

Part # AOZ1073
Description  EZBuck 3A Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1073 Datasheet(HTML) 12 Page - Alpha & Omega Semiconductors

Back Button AOZ1073 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1073 Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AOZ1073
Rev. 1.1 September 2008
www.aosmd.com
Page 12 of 15
Figure 3. AOZ1073 (SO-8) PCB Layout
PGND
VIN
AGND
FB
R2
R1
L1
8
7
6
5
1
2
3
4
LX
LX
EN
COMP
Vo


Similar Part No. - AOZ1073

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
568Kb / 16P
   EZBuck TM 2A Simple Buck Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
   EZBuck??2A Simple Regulator
More results

Similar Description - AOZ1073

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com