Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M09000-14 Datasheet(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Part # M09000-14
Description  Three programmable 1.2A common anode LED/laser drivers with integrated buck-boost converter and PWM current control
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M09000-14 Datasheet(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button M09000-14 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M09000-14 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
M09000-14
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
11
LED Driver and PMIC for DLP/LCOS Pico Projectors
Rev V2
1.9
Buck Regulators (VXBUCK1/2)
Typical values: Ta=25 °C, PVDDX=3.7 V.
Min and Max values: TCASE = -40 °C to +85 °C, PVDDX = 2.7 V to 5.25 V.
1.10
Internal Temperature Sensor
Typical values: Ta=25 °C, PVDDX=3.7 V.
Min and Max values: TCASE = -40 °C to +85 °C, PVDDX = 2.7 V to 5.25 V.
Table 1-9.
Buck regulators (VXBUCK1/2)
Parameter
Notes
Minimum
Typical
Maximum
Units
Operating voltage
2.7
3.7
5.25
V
Turn-on time
5
msec
Output voltage ripple (1.2/1.8 V regulator)
2
%
Output voltage (1.2 V regulator)
1.14
1.2
1.26
V
Current load (1.2 V regulator)
300
mA
Output voltage (1.8 V regulator)
1.71
1.8
1.89
V
Current load (1.8 V regulator) 1
——
300
mA
Table 1-10.
Internal Temperature Sensor
Parameter
Notes
Minimum
Typical
Maximum
Units
Range
-40 to 155
°C
Overtemperature alarm with default setting (register programmable at 0x18)
113
120
128
°C
Temperature step
0.45
°C
Absolute accuracy
1
+/-8
°C
NOTES:
1.
After system calibration at room temperature (one point calibration).


Similar Part No. - M09000-14

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M0904-B-25-AL RAF-M0904-B-25-AL Datasheet
50Kb / 1P
   4.5 MM ROUND SWAGE SPACER
More results

Similar Description - M09000-14

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 INTERSIL-ISL8103 Datasheet
770Kb / 27P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6308 INTERSIL-ISL6308 Datasheet
765Kb / 27P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6308A RENESAS-ISL6308A Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 RENESAS-ISL8103 Datasheet
1Mb / 28P
   Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Richtek Technology Corp...
RT8032 RICHTEK-RT8032 Datasheet
174Kb / 11P
   1.2MHz/1.2A Buck Converter with Programmable Average Input Current Limit
logo
Texas Instruments
LM3554 TI1-LM3554_14 Datasheet
4Mb / 43P
[Old version datasheet]   Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Fairchild Semiconductor
FAN5340 FAIRCHILD-FAN5340 Datasheet
931Kb / 12P
   Synchronous Constant-Current Series Boost LED Driver with PWM Brightness Control and Integrated Load Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com