Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7008 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE7008
Description  Integrated Circuit Color TV/Video, Chroma, Deflection Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7008 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7008 Datasheet HTML 1Page - NTE Electronics NTE7008 Datasheet HTML 2Page - NTE Electronics NTE7008 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pin Connection Diagram
VCC3
VCC1
VCC2
F1
RM Input
Band Output 3
Band Output 4
1
2
3
4
VT Input
VOL Input
AFS Switch
Band Input 1
5
Band Input 2
6
RM Output
7
F2
8
PH
30
29
28
27
VZ/+31V
VT Output
Band Output 1
26 Band Output 2
25
24
23
VOL Output
9
T
22
AFS
GND 1
10
GND 2
11
21
20
RLY Control Output
12
19
AC Input
13
RLY Control
18
Clock Output
14
RST Output
17
15
+5V Output
16
.400 (10.16)
.200
(5.08)
Max
.388 (8.6)
30
16
115
1.066 (27.0)
.125 (3.17)
.070 (1.78)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn