Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DU1P0-05D15 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DU1P0-05D15
Description  1 WATT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DU1P0-05D15 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DU1P0-05D15 Datasheet HTML 1Page - List of Unclassifed Manufacturers DU1P0-05D15 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(3)
Eff
(4)
(%)
Capacitor
Load max
(5)
DU1P0-05S05
4.5 – 5.5 VDC
5 VDC
200mA
298mA
71
6.2uF
DU1P0-05S12
4.5 – 5.5 VDC
12 VDC
83mA
269mA
78
6.2uF
DU1P0-05S15
4.5 – 5.5 VDC
15 VDC
67mA
272mA
78
6.2uF
DU1P0-05D05
4.5 – 5.5 VDC
± 5 VDC
± 100mA
295mA
72
3.0uF
DU1P0-05D12
4.5 – 5.5 VDC
± 12 VDC
± 42mA
273mA
78
3.0uF
DU1P0-05D15
4.5 – 5.5 VDC
± 15 VDC
± 33mA
268mA
78
3.0uF
DU1P0-12S05
10.8 – 13.2 VDC
5 VDC
200mA
121mA
73
6.2uF
DU1P0-12S12
10.8 – 13.2 VDC
12 VDC
83mA
111mA
79
6.2uF
DU1P0-12S15
10.8 – 13.2 VDC
15 VDC
67mA
112mA
79
6.2uF
DU1P0-12D05
10.8 – 13.2 VDC
± 5 VDC
± 100mA
119mA
74
3.0uF
DU1P0-12D12
10.8 – 13.2 VDC
± 12 VDC
± 42mA
111mA
80
3.0uF
DU1P0-12D15
10.8 – 13.2 VDC
± 15 VDC
± 33mA
109mA
80
3.0uF
DU1P0-15S05
13.5 – 16.5 VDC
5 VDC
200mA
97mA
73
6.2uF
DU1P0-15S12
13.5 – 16.5 VDC
12 VDC
83mA
89mA
79
6.2uF
DU1P0-15S15
13.5 – 16.5 VDC
15 VDC
67mA
89mA
79
6.2uF
DU1P0-15D05
13.5 – 16.5 VDC
± 5 VDC
± 100mA
95mA
74
3.0uF
DU1P0-15D12
13.5 – 16.5 VDC
± 12 VDC
± 42mA
88mA
80
3.0uF
DU1P0-15D15
13.5 – 16.5 VDC
± 15 VDC
± 33mA
87mA
80
3.0uF
DU1P0-24S05
21.6 – 26.4 VDC
5 VDC
200mA
62mA
71
6.2uF
DU1P0-24S12
21.6 – 26.4 VDC
12 VDC
83mA
58mA
76
6.2uF
DU1P0-24S15
21.6 – 26.4 VDC
15 VDC
67mA
57mA
78
6.2uF
DU1P0-24D05
21.6 – 26.4 VDC
± 5 VDC
± 100mA
61mA
72
3.0uF
DU1P0-24D12
21.6 – 26.4 VDC
± 12 VDC
± 42mA
57mA
78
3.0uF
DU1P0-24D15
21.6 – 26.4 VDC
± 15 VDC
± 33mA
55mA
79
3.0uF
Note
1.
The DU1P0 series required a minimum 10% loading on the output to
maintain specified regulation. Operation under no-load condition will
not damage these devices, however they may not meet all listed
specification
2.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at
40ºC. (Ground fixed and controlled environment).
3.
Maximum value at nominal input voltage and full load of standard type.
4.
Typical value at nominal input voltage and full load.
5.
Test by minimum Vin and constant resistor load.
50
60
70
80
90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
DU1P0-24S05 Derating Curve
Nature convection
STANDARD
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
4
- OUTPUT -OUTPUT
5
NC
COMMON
6
+ OUTPUT + OUTPUT
“N” Models
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
- INPUT
- INPUT
5
- OUTPUT - OUTPUT
6
NC
COMMON
7
+ OUTPUT + OUTPUT
0.01x 0.02
( 0.25 x 0.5) Rectangular Pin
0.77(19.6)
0.40(10.2)
0.14(3.6)
0.10(2.54)
FRONT VIEW
0.20(5.08)
0.016(0.4)
0.085(2.16)
1. All dimensions in Inches (mm)
2. Pin pitch tolerance
I0.014(0.35)
0.053(1.35)
1 2
4 5 6 7
BOTTOM VIEW
0.24(6.1)


Similar Part No. - DU1P0-05D15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DU1P0-05D15 ASTRODYNE-DU1P0-05D15 Datasheet
374Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
DU1P0-05D15 P-DUKE-DU1P0-05D15 Datasheet
233Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
RSG Electronic Componen...
DU1P0-05D15 RSG-DU1P0-05D15 Datasheet
150Kb / 2P
   1 WATT UNREGULATED OUTPUT POWER
logo
Power Mate Technology C...
DU1P0-05D15 P-DUKE-DU1P0-05D15 Datasheet
306Kb / 2P
   1 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
DU1P0-05D15 ASTRODYNE-DU1P0-05D15 Datasheet
171Kb / 3P
   Isolated and Unregulated 1 WATT Modular DC/DC Converters
More results

Similar Description - DU1P0-05D15

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com