Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2761AE Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2761AE
Description  High-Precision Li Battery Monitor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2761AE Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2761AE Datasheet HTML 1Page - Dallas Semiconductor DS2761AE Datasheet HTML 2Page - Dallas Semiconductor DS2761AE Datasheet HTML 3Page - Dallas Semiconductor DS2761AE Datasheet HTML 4Page - Dallas Semiconductor DS2761AE Datasheet HTML 5Page - Dallas Semiconductor DS2761AE Datasheet HTML 6Page - Dallas Semiconductor DS2761AE Datasheet HTML 7Page - Dallas Semiconductor DS2761AE Datasheet HTML 8Page - Dallas Semiconductor DS2761AE Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 of 24
072303
FEATURES
§ Lithium-Ion (Li+) Safety Circuit
- Overvoltage Protection
- Overcurrent/Short-Circuit Protection
- Undervoltage Protection
§ Zero Volt Battery Recovery Charge
§ Available in Two Configurations:
- Internal 25m
W Sense Resistor
- External User-Selectable Sense Resistor
§ Current Measurement
- 12-Bit Bidirectional Measurement
- Internal Sense Resistor Configuration:
0.625mA LSB and ±1.9A Dynamic Range
- External Sense Resistor Configuration:
15.625
mV LSB and ±64mV Dynamic
Range
§ Current Accumulation:
- Internal Sense Resistor: 0.25mAhr LSB
- External Sense Resistor: 6.25
mVhr LSB
§ Voltage Measurement with 4.88mV
Resolution
§ Temperature Measurement Using Integrated
Sensor with 0.125
°C Resolution
§ System Power Management and Control
Feature Support
§ 32 Bytes of Lockable EEPROM
§ 16 Bytes of General-Purpose SRAM
§ Dallas 1-Wire
® Interface with Unique 64-bit
Device Address
§ Low Power Consumption:
- Active Current:
60
mA typ, 90mA max
- Sleep Current:
1
mA typ, 2mA max
PIN CONFIGURATION
PIN DESCRIPTION
CC - Charge Control Output
DC - Discharge Control Output
DQ - Data Input/Output
PIO - Programmable I/O Pin
PLS - Battery Pack Positive Terminal Input
PS
- Power Switch Sense Input
VIN - Voltage-Sense Input
VDD - Power-Supply Input (2.5V to 5.5V)
VSS - Device Ground
SNS - Sense Resistor Connection
IS1 - Current-Sense Input
IS2 - Current-Sense Input
SNS Probe
- Do Not Connect
VSS Probe
- Do Not Connect
DS2761
High-Precision Li+ Battery Monitor
www.maxim-ic.com
CC
VIN
VDD
PIO
VSS
VSS
VSS
PS
IS1
DS2761
16-Pin TSSOP Package
IS2
SNS
SNS
1
2
23
2
1
4
5
6
7
8
16
15
14
13
12
11
10
9
SNS
DQ
PLS
DC
1-Wire is a registered trademark of Dallas Semiconductor.
DS2761
Flip-Chip Packaging*
Top View
PLS DC
DQ
CC
IS2
VIN
IS1
VDD PIO
PS
SNS
VSS
1
2
3
4
A
B
C
D
E
F
SNS
Probe
VSS
Probe
* Mechanical drawing for the 16-pin TSSOP and DS2761 flip-chip package can be found at:
http://pdfserv.maxim-ic.com/arpdf/Packages/16tssop.pdf
http://pdfserv.maxim-ic.com/arpdf/Packages/chips/2761x.pdf


Similar Part No. - DS2761AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2761AE MAXIM-DS2761AE Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761AE++ MAXIM-DS2761AE+ Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761AE+025 MAXIM-DS2761AE+025 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761AE+025/T&R MAXIM-DS2761AE+025/T&R Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2761AE+T&R MAXIM-DS2761AE+T&R Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2761AE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760AE MAXIM-DS2760AE Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
   Battery Condition Monitor for Li-Ion batteries
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com