Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83952 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83952
Description  Repeater Interface Controller with Security Features (RIC II)
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83952 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button DP83952 Datasheet HTML 70Page - National Semiconductor (TI) DP83952 Datasheet HTML 71Page - National Semiconductor (TI) DP83952 Datasheet HTML 72Page - National Semiconductor (TI) DP83952 Datasheet HTML 73Page - National Semiconductor (TI) DP83952 Datasheet HTML 74Page - National Semiconductor (TI) DP83952 Datasheet HTML 75Page - National Semiconductor (TI) DP83952 Datasheet HTML 76Page - National Semiconductor (TI) DP83952 Datasheet HTML 77Page - National Semiconductor (TI) DP83952 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
80 RIC II Registers (Continued)
SHARED CAM VALIDATION REGISTER 2 (SCVR 2) (PAGE 9H ADDRESS 17H)
This register indicates the validity of an Ethernet address stored in any one of the shared CAMs When a ‘‘1’’ is written in a
specific SCVR upon starting the network security the CAM contents will be used for address comparison
D7
D6
5
D4
D3
D2
D1
D0
ADV16
ADV15
ADV14
ADV13
ADV12
ADV11
ADV10
ADV9
Bit
RW
Symbol
Description
D0
RW
ADV9
ADdress Valid 9
0 Address is not valid in CAM 9
1 Address is valid in CAM 9
D1
RW
ADV10
ADdress Valid 10
0 Address is not valid in CAM 10
1 Address is valid in CAM 10
D2
RW
ADV11
ADdress Valid 11
0 Address is not valid in CAM 11
1 Address is valid in CAM 11
D3
RW
ADV12
ADdress Valid 12
0 Address is not valid in CAM 12
1 Address is valid in CAM 12
D4
RW
ADV13
ADdress Valid 13
0 Address is not valid in CAM 13
1 Address is valid in CAM 13
D5
RW
ADV14
ADdress Valid 14
0 Address is not valid in CAM 14
1 Address is valid in CAM 14
D6
RW
ADV15
ADdress Valid 15
0 Address is not valid in CAM 15
1 Address is valid in CAM 15
D7
RW
ADV16
ADdress Valid 16
0 Address is not valid in CAM 16
1 Address is valid in CAM 16
Note
Before writing to and changing any bits in this register read the register first and then only change the desired bits By doing this a previous entry will not be
invalidated mistakenly
74


Similar Part No. - DP83952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
DP83950BNU NSC-DP83950BNU Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
DP83950BVQB NSC-DP83950BVQB Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
DP83950BVQB NSC-DP83950BVQB Datasheet
80Kb / 14P
   REPEATER INTERFACE CONTROLLER
DP83950BVQB-MPC NSC-DP83950BVQB-MPC Datasheet
80Kb / 14P
   REPEATER INTERFACE CONTROLLER
More results

Similar Description - DP83952

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83950B NSC-DP83950B Datasheet
948Kb / 80P
   RIC??Repeater Interface Controller
DP83953 NSC-DP83953 Datasheet
939Kb / 90P
   Repeater Interface Controller with Security Features, Internal Drivers and Integrated Filters
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
   REPEATER INTERFACE CONTROLLER
DP83955A NSC-DP83955A Datasheet
655Kb / 54P
   LitE Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097-8 ETC2-TC3097-8 Datasheet
862Kb / 35P
   Lite End Multiport Repeater Interface Controller
TC3097-8 ETC-TC3097-8 Datasheet
641Kb / 36P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER
TC3097F-5 ETC-TC3097F-5 Datasheet
665Kb / 34P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
National Semiconductor ...
DP83959 NSC-DP83959 Datasheet
283Kb / 38P
   8-Port Lite Ethernet Repeater Interface Controller
logo
List of Unclassifed Man...
TC3097F-8 ETC-TC3097F-8 Datasheet
671Kb / 34P
   LITE END MULTIPORT REPEATER INTERFACE CONTROLLER - OCF
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
255Kb / 33P
   High Security Features in Hardware
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com