Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1339F-166AC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1339F-166AC
Description  4-Mbit (128K x 32) Pipelined Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1339F-166AC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1339F-166AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 14Page - Cypress Semiconductor CY7C1339F-166AC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY7C1339F
Document #: 38-05217 Rev. *C
Page 11 of 17
Switching Waveforms
Read Cycle Timing[18]
Notes:
18. On this diagram, when CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
19. Full width write can be initiated by either GW LOW; or by GW HIGH, BWE LOW and BW[A:D] LOW.
tCYC
t
CL
CLK
ADSP
t
ADH
t
ADS
ADDRESS
t
CH
OE
ADSC
CE
tAH
tAS
A1
tCEH
tCES
GW, BWE,
BW[A:D]
Data Out (Q)
High-Z
tCLZ
tDOH
tCO
ADV
tOEHZ
tCO
Single READ
BURST READ
tOEV
tOELZ
tCHZ
ADV
suspends
burst.
Burst wraps around
to its initial state
tADVH
tADVS
tWEH
tWES
tADH
tADS
Q(A2)
Q(A2 + 1)
Q(A2 + 2)
Q(A1)
Q(A2)
Q(A2 + 1)
Q(A2 + 3)
A2
A3
Deselect
cycle
Burst continued with
new base address
DON’T CARE
UNDEFINED


Similar Part No. - CY7C1339F-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100AC CYPRESS-CY7C1339B-100AC Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100AI CYPRESS-CY7C1339B-100AI Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100BGC CYPRESS-CY7C1339B-100BGC Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
CY7C1339B-100BGI CYPRESS-CY7C1339B-100BGI Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
More results

Similar Description - CY7C1339F-166AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
CY7C1340F CYPRESS-CY7C1340F Datasheet
348Kb / 17P
   4-Mb (128K x 32) Pipelined DCD Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com