Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C150-25SC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C150-25SC
Description  1Kx4 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C150-25SC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C150-25SC Datasheet HTML 2Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 3Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 4Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 5Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 6Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 7Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 8Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 9Page - Cypress Semiconductor CY7C150-25SC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY7C150
Document #: 38-05024 Rev. **
Page 6 of 11
Typical DC and AC Characteristics
1.2
1.4
1.0
0.6
0.4
0.2
4.0
4.5
5.0
5.5
6.0
1.6
1.4
1.2
1.0
0.8
55
25
125
55
25
125
1.2
1.0
0.8
60
50
40
30
20
10
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE(V)
NORMALIZED SUPPLY CURRENT
vs.SUPPLY VOLTAGE
NORMALIZED ACCESS TIME
vs.AMBIENT TEMPERATURE
AMBIENT TEMPERATURE(°C)
NORMALIZED SUPPLY CURRENT
vs.AMBIENT TEMPERATURE
AMBIENT TEMPERATURE(°C)
OUTPUT VOLTAGE(V)
OUTPUT SOURCE CURRENT
vs.OUTPUT VOLTAGE
0.0
0.8
1.4
1.3
1.2
1.1
1.0
0.9
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE(V)
NORMALIZED ACCESS TIME
vs.SUPPLY VOLTAGE
150
125
75
50
25
0.0
1.0
2.0
3.0
4.0
0
100
OUTPUT VOLTAGE(V)
OUTPUT SINK CURRENT
vs.OUTPUT VOLTAGE
0.6
0.4
0.2
0.0
ISB
VCC =5.0V
VIN =5.0V
ICC
ICC
VCC =5.0V
VCC =5.0V
TA =25°C
ISB
TA =25°C
0.6
0.8
0
VCC =5.0V
TA =25°C
5.0
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE(V)
TYPICAL POWER–ONCURRENT
vs.SUPPLYVOLTAGE
30
20
10
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs.OUTPUT LOADING
1.1
1.0
0.9
10
20
30
40
CYCLE FREQUENCY (MHz)
NORMALIZED I CC vs.CYCLE TIME
0.0
5.0
0
1000
0.8
VCC =4.5V
TA =25°C
VCC =5.0V
TA =25°C
VCC =0.5V


Similar Part No. - CY7C150-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C150-25SC CYPRESS-CY7C150-25SC Datasheet
312Kb / 11P
   1Kx4 Static RAM
More results

Similar Description - CY7C150-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C150 CYPRESS-CY7C150_03 Datasheet
312Kb / 11P
   1Kx4 Static RAM
CY7C148 CYPRESS-CY7C148_09 Datasheet
224Kb / 9P
   1Kx4 Static RAM
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
logo
Advanced Micro Devices
AM9128 AMD-AM9128 Datasheet
429Kb / 10P
   2048x8 Static RAM
logo
Cypress Semiconductor
CY7C197N CYPRESS-CY7C197N Datasheet
307Kb / 7P
   256Kx1 Static RAM
logo
Advanced Micro Devices
AM9044 AMD-AM9044 Datasheet
278Kb / 7P
   4096x1 Static RAM
logo
Xicor Inc.
X20C04 XICOR-X20C04 Datasheet
67Kb / 15P
   Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com