Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29866 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C29866
Description  Mixed Signal Array
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29866 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C29866 Datasheet HTML 3Page - Cypress Semiconductor CY8C29866 Datasheet HTML 4Page - Cypress Semiconductor CY8C29866 Datasheet HTML 5Page - Cypress Semiconductor CY8C29866 Datasheet HTML 6Page - Cypress Semiconductor CY8C29866 Datasheet HTML 7Page - Cypress Semiconductor CY8C29866 Datasheet HTML 8Page - Cypress Semiconductor CY8C29866 Datasheet HTML 9Page - Cypress Semiconductor CY8C29866 Datasheet HTML 10Page - Cypress Semiconductor CY8C29866 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
August 3, 2004
Document No. 38-12013 Rev. *F
7
CY8C29x66 Preliminary Data Sheet
PSoC™ Overview
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this doc-
ument.
Units of Measure
A units of measure table is located in the Electrical Specifica-
tions section. Table 3-1 on page 17 lists all the abbreviations
used to measure the PSoC devices.
Numeric Naming
Hexidecimal numbers are represented with all letters in upper-
case with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexidecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (e.g., 01010100b’ or ‘01000011b’).
Numbers not indicated by an ‘h’, ‘b’, or 0x are decimal.
Table of Contents
For an in depth discussion and more information on your PSoC
device, obtain the PSoC Mixed Signal Array Technical Refer-
ence Manual
. This document encompasses and is organized
into the following chapters and sections.
1.
Pin Information ............................................................. 8
1.1
Pinouts ................................................................... 8
1.1.1
28-Pin Part Pinout ...................................... 8
1.1.2
44-Pin Part Pinout ...................................... 9
1.1.3
48-Pin Part Pinouts ................................... 10
1.1.4
100-Pin Part Pinout .................................. 12
2.
Register Reference ..................................................... 14
2.1
Register Conventions ........................................... 14
2.1.1
Abbreviations Used .................................. 14
2.2
Register Mapping Tables ..................................... 14
3.
Electrical Specifications ............................................ 17
3.1
Absolute Maximum Ratings ................................. 18
3.2
Operating Temperature ........................................ 18
3.3
DC Electrical Characteristics ................................ 19
3.3.1
DC Chip-Level Specifications ................... 19
3.3.2
DC General Purpose IO Specifications .... 19
3.3.3
DC Operational Amplifier Specifications ... 20
3.3.4
DC Analog Output Buffer Specifications ... 21
3.3.5
DC Switch Mode Pump Specifications ..... 22
3.3.6
DC Analog Reference Specifications ....... 23
3.3.7
DC Analog PSoC Block Specifications ..... 24
3.3.8
DC POR, SMP, and LVD Specifications ... 24
3.3.9
DC Programming Specifications ............... 25
3.4
AC Electrical Characteristics ................................ 26
3.4.1
AC Chip-Level Specifications ................... 26
3.4.2
AC General Purpose IO Specifications .... 28
3.4.3
AC Operational Amplifier Specifications ... 29
3.4.4
AC Digital Block Specifications ................. 30
3.4.5
AC Analog Output Buffer Specifications ... 31
3.4.6
AC External Clock Specifications ............. 32
3.4.7
AC Programming Specifications ............... 32
3.4.8
AC I2C Specifications ............................... 33
4.
Packaging Information ............................................... 34
4.1
Packaging Dimensions ......................................... 34
4.2
Thermal Impedances ........................................... 38
4.3
Capacitance on Crystal Pins ................................ 38
5.
Ordering Information .................................................. 39
5.1
Ordering Code Definitions .................................... 39
6.
Sales and Service Information .................................. 40
6.1
Revision History ................................................... 40
6.2
Copyrights and Code Protection .......................... 40
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
ECO
external crystal oscillator
EEPROM
electrically erasable programmable read-only memory
FSR
full scale range
GPIO
general purpose IO
GUI
graphical user interface
HBM
human body model
ICE
in-circuit emulator
ILO
internal low speed oscillator
IMO
internal main oscillator
IO
input/output
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
PLL
phase-locked loop
POR
power on reset
PPOR
precision power on reset
PSoC™
Programmable System-on-Chip™
PWM
pulse width modulator
RAM
random access memory
SC
switched capacitor
SLIMO
slow IMO
SMP
switch mode pump


Similar Part No. - CY8C29866

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29866 CYPRESS-CY8C29866 Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C29866 CYPRESS-CY8C29866 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29866-24AXI CYPRESS-CY8C29866-24AXI Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C29866

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21323 CYPRESS-CY8C21323_08 Datasheet
956Kb / 37P
   PSoC짰 Mixed Signal Array
CY8C29866 CYPRESS-CY8C29866 Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C24123 CYPRESS-CY8C24123 Datasheet
632Kb / 41P
   PSoC Mixed Signal Array
CY8C27243 CYPRESS-CY8C27243_06 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
CY8C27143 CYPRESS-CY8C27143 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C21534 CYPRESS-CY8C21534 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C21234 CYPRESS-CY8C21234_08 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C24223A CYPRESS-CY8C24223A_06 Datasheet
492Kb / 33P
   PSoC짰 Mixed-Signal Array
logo
Renesas Technology Corp
SLG46120 RENESAS-SLG46120 Datasheet
4Mb / 97P
   Programmable Mixed Signal Array
March 10, 2023
logo
Cypress Semiconductor
CY8C27143 CYPRESS-CY8C27143_06 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com