Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1399L-12ZC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1399L-12ZC
Description  32K x 8 3.3V Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1399L-12ZC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1399L-12ZC Datasheet HTML 1Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1399L-12ZC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
32K x 8 3.3V Static RAM
CY7C1399
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
March 25, 1999
Features
• Single 3.3V power supply
• Ideal for low-voltage cache memory applications
• High speed
—12/15 ns
• Low active power
— 255 mW (max.)
• Low CMOS standby power (L)
— 180
µW (max.), f=f
MAX
• 2.0V data retention (L)
— 40
µW
• Low-power alpha immune 6T cell
• Plastic SOJ and TSOP packaging
Functional Description
The CY7C1399 is a high-performance 3.3V CMOS Static RAM
organized as 32,768 words by 8 bits. Easy memory expansion
is provided by an active LOW Chip Enable (CE) and active
LOW Output Enable (OE) and three-state drivers. The device
has an automatic power-down feature, reducing the power
consumption by more than 95% when deselected.
An active LOW Write Enable signal (WE) controls the writing/
reading operation of the memory. When CE and WE inputs
are both LOW, data on the eight data input/output pins (I/O0
through I/O7) is written into the memory location addressed by
the address present on the address pins (A0 through A14).
Reading the device is accomplished by selecting the device
and enabling the outputs, CE and OE active LOW, while WE
remains inactive or HIGH. Under these conditions, the con-
tents of the location addressed by the information on address
pins is present on the eight data input/output pins.
The input/output pins remain in a high-impedance state unless
the chip is selected, outputs are enabled, and Write Enable
(WE) is HIGH. The CY7C1399 is available in 28-pin standard
300-mil-wide SOJ and TSOP Type I packages.
Logic Block Diagram
Pin Configurations
C1399–1
C1399–2
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
SOJ
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O0
I/O1
I/O2
CE
OE
A0
I/O3
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
CE
I/O1
I/O2
I/O3
32K x 8
ARRAY
I/O7
I/O6
I/O5
I/O4
A9
A0
Selection Guide
7C1399–12
7C1399–15
7C1399–20
7C1399–25
7C1399–35
Maximum Access Time (ns)
12
15
20
25
35
Maximum Operating Current (mA)
60
55
50
45
40
Maximum CMOS Standby Current (
µA)
500
500
500
500
500
Maximum CMOS Standby Current (
µA) L50
50
50
50
50


Similar Part No. - CY7C1399L-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-10VC CYPRESS-CY7C1399B-10VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-10ZC CYPRESS-CY7C1399B-10ZC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
CY7C1399B-12VC CYPRESS-CY7C1399B-12VC Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
More results

Similar Description - CY7C1399L-12ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B Datasheet
151Kb / 10P
   32K x 8 3.3V Static RAM
logo
List of Unclassifed Man...
WCFS0808V1E ETC1-WCFS0808V1E Datasheet
313Kb / 10P
   32K x 8 3.3V Static RAM
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com