Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1345F-133AC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1345F-133AC
Description  4-Mb (128K x 36) Flow-Through Sync SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1345F-133AC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1345F-133AC Datasheet HTML 6Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 7Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 8Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 9Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 10Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 11Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 12Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 13Page - Cypress Semiconductor CY7C1345F-133AC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CY7C1345F
Document #: 38-05214 Rev. *C
Page 10 of 17
Switching Characteristics Over the Operating Range [15, 16]
Parameter
Description
133 MHz
117 MHz
100 MHz
66 MHz
Min. Max. Min. Max. Min. Max. Min. Max. Unit
tPOWER
VDD(Typical) to the first Access[11]
1
11
1
ms
Clock
tCYC
Clock Cycle Time
7.5
8.5
10
15
ns
tCH
Clock HIGH
2.5
3.0
4.0
5.0
ns
tCL
Clock LOW
2.5
3.0
4.0
5.0
ns
Output Times
tCDV
Data Output Valid After CLK Rise
6.5
7.5
8.0
11.0
ns
tDOH
Data Output Hold After CLK Rise
2.0
2.0
2.0
2.0
ns
tCLZ
Clock to Low-Z[12, 13, 14]
0
00
0
ns
tCHZ
Clock to High-Z[12, 13, 14]
3.5
3.5
3.5
5.0
ns
tOEV
OE LOW to Output Valid
3.5
3.5
3.5
6.0
ns
tOELZ
OE LOW to Output Low-Z[12, 13, 14]
0
00
0
ns
tOEHZ
OE HIGH to Output High-Z[12, 13, 14]
3.5
3.5
3.5
6.0
ns
Setup Times
tAS
Address Set-up Before CLK Rise
1.5
2.0
2.0
2.0
ns
tADS
ADSP, ADSC Set-up Before CLK Rise
1.5
2.0
2.0
2.0
ns
tADVS
ADV Set-up Before CLK Rise
1.5
2.0
2.0
2.0
ns
tWES
GW, BWE, BW[A:D] Set-up Before CLK Rise
1.5
2.0
2.0
2.0
ns
tDS
Data Input Set-up Before CLK Rise
1.5
2.0
2.0
2.0
ns
tCES
Chip Enable Set-up
1.5
2.0
2.0
2.0
ns
Hold Times
tAH
Address Hold After CLK Rise
0.5
0.5
0.5
0.5
ns
tADH
ADSP, ADSC Hold After CLK Rise
0.5
0.5
0.5
0.5
ns
tWEH
GW,BWE, BW[A:D] Hold After CLK Rise
0.5
0.5
0.5
0.5
ns
tADVH
ADV Hold After CLK Rise
0.5
0.5
0.5
0.5
ns
tDH
Data Input Hold After CLK Rise
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold After CLK Rise
0.5
0.5
0.5
0.5
ns
Shaded areas contain advance information.
Notes:
11. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially before a read or write operation
can be initiated.
12. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
13. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve High-Z prior to Low-Z under the same system conditions.
14. This parameter is sampled and not 100% tested.
15. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V.
16. Test conditions shown in (a) of AC Test Loads unless otherwise noted.


Similar Part No. - CY7C1345F-133AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C13451G-100BZXE CYPRESS-CY7C13451G-100BZXE Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1345B-100AC CYPRESS-CY7C1345B-100AC Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
CY7C1345B-100AI CYPRESS-CY7C1345B-100AI Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
More results

Similar Description - CY7C1345F-133AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C13451G CYPRESS-CY7C13451G Datasheet
746Kb / 23P
   4-Mbit (128K 횞 36) Flow-Through Sync SRAM
CY7C1325F-117AC CYPRESS-CY7C1325F-117AC Datasheet
430Kb / 17P
   4-Mb (256K x 18) Flow-Through Sync SRAM
CY7C1351F CYPRESS-CY7C1351F Datasheet
427Kb / 15P
   4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
   1-Mb (32K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com