Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX65104-11 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CX65104-11
Description  700 - 1000 MHz Linear Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX65104-11 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CX65104-11 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX65104-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • CX65104
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
July 15, 2004 • Skyworks Proprietary and Confidential Information • Products and Product Information are Subject to Change Without Notice • 101475F
0
1
2
3
4
5
6
750
800
850
900
950
1000
Freq (MHz)
-30C
25C
85C
Figure 5. Typical Noise Figure vs Frequency Over Temperature
25
26
27
28
29
30
31
750
800
850
900
950
1000
Freq (MHz)
-30C
25C
85C
Figure 7. Typical Small Signal Gain vs Frequency Over
Temperature
0
10
20
30
40
50
750
800
850
900
950
1000
Freq (MHz)
-30C
25C
85C
Figure 6. Typical OIP3 vs Frequency Over Temperature
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
750
800
850
900
950
1000
Freq (MHz)
-30C
25C
85C
Figure 8. Typical POUT vs Frequency Over Temperature


Similar Part No. - CX65104-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX65100 SKYWORKS-CX65100 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
CX65100-11 SKYWORKS-CX65100-11 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
logo
List of Unclassifed Man...
CX65105 ETC1-CX65105 Datasheet
167Kb / 9P
   1700 - 2200 MHz Linear Power Amplifier
CX65105-11 ETC1-CX65105-11 Datasheet
167Kb / 9P
   1700 - 2200 MHz Linear Power Amplifier
More results

Similar Description - CX65104-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX65100 SKYWORKS-CX65100 Datasheet
185Kb / 9P
   700 - 1000 MHz Linear Power Amplifier
SKY65119 SKYWORKS-SKY65119 Datasheet
328Kb / 10P
   700 - 800 MHz Linear Power Amplifier
CX65002 SKYWORKS-CX65002 Datasheet
285Kb / 11P
   700 - 1400 MHz Linear Power Amplifier Driver
logo
Analog Devices
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Stealth Microwave, Inc.
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
logo
Mimix Broadband
CHV2707-QJ MIMIX-CHV2707-QJ_07 Datasheet
323Kb / 6P
   700 to 800 MHz InGaP HBT 5W Linear Power Amplifier
logo
Stealth Microwave, Inc.
SM08010-37HS STEALTH_MICROWAVE-SM08010-37HS Datasheet
93Kb / 3P
   800-1000 MHz 5 Watt Linear Power Amplifier
SM08010-34HS STEALTH_MICROWAVE-SM08010-34HS Datasheet
90Kb / 3P
   800-1000 MHz 3 Watt Linear Power Amplifier
SM08010-42 STEALTH_MICROWAVE-SM08010-42 Datasheet
129Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com