Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY75 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CNY75
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY75 Datasheet HTML 1Page - Vishay Siliconix CNY75 Datasheet HTML 2Page - Vishay Siliconix CNY75 Datasheet HTML 3Page - Vishay Siliconix CNY75 Datasheet HTML 4Page - Vishay Siliconix CNY75 Datasheet HTML 5Page - Vishay Siliconix CNY75 Datasheet HTML 6Page - Vishay Siliconix CNY75 Datasheet HTML 7Page - Vishay Siliconix CNY75 Datasheet HTML 8Page - Vishay Siliconix CNY75 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CNY75(G) Series
Vishay Semiconductors
Rev. A4, 11–Jan–99
4 (12)
Maximum Safety Ratings (according to VDE 0884) see figure 1
This device is used for protective separation against electrical shock only within the maximum safety ratings.
This must be ensured by using protective circuits in the applications.
Input (Emitter)
Parameters
Test Conditions
Symbol
Value
Unit
Forward current
Isi
130
mA
Output (Detector)
Parameters
Test Conditions
Symbol
Value
Unit
Power dissipation
Tamb ≤ 25°C
Psi
265
mW
Coupler
Parameters
Test Conditions
Symbol
Value
Unit
Rated impulse voltage
VIOTM
6
kV
Safety temperature
Tsi
150
°C
Insulation Rated Parameters (according to VDE 0884)
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Partial discharge test voltage –
Routine test
100%, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage – tTr = 60 s, ttest = 10 s,
VIOTM
6
kV
gg
Lot test (sample test)
Tr
test
(see figure 2)
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
W
VIO = 500 V,
Tamb ≤ 100°C
RIO
1011
W
VIO = 500 V,
Tamb ≤ 150°C
(construction test only)
RIO
109
W
0
25
50
75
100
125
150
175
200
225
250
275
0
25
50
75
100
125
150
175
Tamb – Ambient Temperature ( °C )
95 10923
Psi (mW)
Isi (mA)
Figure 1. Derating diagram
V
IOTM
V
Pd
V
IOWM
V
IORM
V
t
4
t
3
t
test
t
stres
t
2
t
1
t
0
13930
t
Tr
= 60 s
t
1
, t
2
= 1 to 10 s
t
3
, t
4
= 1 s
t
test
= 10 s
t
stres
= 12 s
Figure 2. Test pulse diagram for sample test according to
DIN VDE 0884


Similar Part No. - CNY75

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
logo
List of Unclassifed Man...
CNY75 ETC-CNY75 Datasheet
50Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
CNY75A VISHAY-CNY75A Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
logo
List of Unclassifed Man...
CNY75A ETC-CNY75A Datasheet
50Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
CNY75A VISHAY-CNY75A Datasheet
161Kb / 11P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.7, 08-May-08
More results

Similar Description - CNY75

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com