Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-H3E3 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADSP-H3E3
Description  0.36??Single Digit PCB Based LED Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADSP-H3E3 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ADSP-H3E3 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADSP-H3E3 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For product information and a complete list of distributors, please go to our web site: www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Pte. in the United States and other countries.
Data subject to change. Copyright © 2005 Avago Technologies Pte. All rights reserved. Obsoletes Pub No.
Pub Number - Date (10/10/2012)
ADSP-H3x1/H3x3
0.36” Single Digit PCB Based LED Display
Datasheet
Description
This is 0.36” height single digit display. It utilizes
AllnGaP Red, Orange, Yellow, Green and Deep Red
chips. This device is halogenated.
All devices are categorized for luminous intensity. The
orange, yellow and green devices are categorized for
color. Use of similar device categories will yield a uniform
display.
Features
High reliability
Excellent characters appearance
Available in CA and CC
RoHS Compliant
Gray top surface with white diffused segments.
Ordering Information
Red
Green
Yellow
Orange
Deep Red
Description
ADSP-H3E1
ADSP-H3G1
ADSP-H3Y1
ADSP-H3L1
ADSP-H3A1
Common Anode, Right Hand Decimal
ADSP-H3E3
ADSP-H3G3
ADSP-H3Y3
ADSP-H3L3
ADSP-H3A3
Common Cathode, Right Hand Decimal
Package Dimensions
Notes:
1. All dimensions are in millimeter.
2. Unless otherwise stated, the tolerance is
 0.25mm.


Similar Part No. - ADSP-H3E3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H1A1 AVAGO-ADSP-H1A1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1A3 AVAGO-ADSP-H1A3 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1E1 AVAGO-ADSP-H1E1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1E3 AVAGO-ADSP-H1E3 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
ADSP-H1G1 AVAGO-ADSP-H1G1 Datasheet
181Kb / 10P
   1.0??Single Digit PCB Based LED Display
More results

Similar Description - ADSP-H3E3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9700 AVAGO-HEDS-9700 Datasheet
278Kb / 10P
   0.36 Single Digit PCB Based LED Display
HDSP-H3X1 AVAGO-HDSP-H3X1 Datasheet
301Kb / 8P
   0.36" Single Digit PCB Based LED Display
HDSP-C3X1 AVAGO-HDSP-C3X1 Datasheet
205Kb / 10P
   0.36??Single Digit PCB Based LED Display
HDSP-C3E3 AVAGO-HDSP-C3E3 Datasheet
205Kb / 10P
   0.36 Single Digit PCB Based LED Display
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-62V-XX-PF LIGITEK-LSD315-62V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
LSD315-64-XX-PF LIGITEK-LSD315-64-XX-PF Datasheet
219Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
BRIGHT LED ELECTRONICS ...
BS-A322RD BRIGHT-BS-A322RD Datasheet
186Kb / 4P
   0.36(9.10MM)single DIGIT LED DISPLAY
logo
LIGITEK electronics co....
LSD315-63V-XX-PF LIGITEK-LSD315-63V-XX-PF Datasheet
134Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
logo
AVAGO TECHNOLOGIES LIMI...
ADSP-H5E1 AVAGO-ADSP-H5E1 Datasheet
199Kb / 10P
   0.52??Single Digit PCB Based LED Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com